Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS316 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IQS316
Description  Multi-channel Capacitive Sensing Controller with Advanced Signal Processing Functions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS316 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IQS316 Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 12Page - List of Unclassifed Manufacturers IQS316 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2012.
IQS316 Datasheet
Page 9 of 25
All Rights Reserved.
IQS316_datasheet_V0.05.docx
July 2012
individually be setup to a value within the
selected range.
3.3.9 Proximity
Sensitivity
(Prox
and
Touch Mode channels)
The proximity sensitivity of each individual
channel is a user defined threshold calculated
as a delta value below the LTA.
A PROX
status is detected when the count value drops
below the selected delta relative to the LTA.
Table 3.4
Prox Thresholds
LOW Range
HIGH Range
2
8 (default)
3
16
4
20
6
30
Again four values exist for each channel, and
again a global secondary range can be
selected, changing the 4 available settings for
all channels to a new set of 4 possibilities.
3.3.10 Antenna Tuning Implementation
The
ATI
is
a
sophisticated
technology
implemented in the new ProxSense
® series
devices. It allows optimal performance of the
devices for a wide range of sensing electrode
capacitances, without modification or addition
of external components. The ATI allows the
tuning of two parameters, an ATI Multiplier
and an ATI Compensation, to adjust the count
value for an attached sensing electrode.
ATI allows the designer to optimise a specific
design by adjusting the sensitivity and stability
of each channel through the adjustment of the
ATI parameters.
Please refer to Azoteq
Application Note AZD027 for more information
regarding ATI.
The IQS316 has an automated ATI function.
This allows the designer to specify a count
target value for either the Prox- or Touch
Mode channels, and then when activated, the
system
will
increment
the
relevant
ATI
Compensation settings until the channels
reach the target value.
4 Additional Features
4.1 RF Immunity
The IQS316 has immunity to high power RF
noise.
In
this
section
general
design
guidelines will be given to improve noise
immunity and the noise detection functionality
is explained.
4.1.1 Design Guidelines
To improve the RF immunity, extra decoupling
capacitors are suggested on VREG and VDDHI.
Place a 100pF in parallel with the 1uF ceramic
on VREG and VDDHI. All decoupling capacitors
should be placed as close as possible to the
VDDHI and VREG device pins.
PCB
ground
planes
also
improve
noise
immunity.
Care must be taken to not pour
these planes near the tracks/pins of the
sensing lines, see Figure 4.1. Ground/voltage
planes close to the sensing channels have a
negative effect on the sensitivity of the
sensors.
Note, if I/O‟s are used instead of the
sensor lines, the ground pour can also go
under these pins.
GND
MOSI-I2CAO 1
SOMI-SDA 2
RDY 3
SCK-SCL 4
/SS-IRDY 5
POUT
SPI_ENABLE 7
/MCLR 8
17 CxB0
18 CxB1
19 CxB2
20 CxB3
21 CxA0
22 CxA1
23 CxA2
24 CxA3
Figure 4.1
Ground plane routing
4.1.2 RF detection
In cases of extreme RF interference, the on-
chip
RF
detection
is
suggested.
By
connecting a suitable antenna to the RF pin, it
allows the device to detect RF noise and notify
the master of possible corrupt data.
A 50Ω


Similar Part No. - IQS316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS3160QFMOQ ETC2-IQS3160QFMOQ Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
IQS3160QFR ETC2-IQS3160QFR Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
IQS3160QNMOQ ETC2-IQS3160QNMOQ Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
IQS3160QNR ETC2-IQS3160QNR Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
IQS3161QFMOQ ETC2-IQS3161QFMOQ Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
More results

Similar Description - IQS316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2522 TI1-MSP430FR2522 Datasheet
2Mb / 95P
[Old version datasheet]   Capacitive Touch Sensing Mixed-Signal Microcontrollers
MSP430FR2676 TI1-MSP430FR2676 Datasheet
1Mb / 105P
[Old version datasheet]   capacitive touch sensing mixed-signal microcontrollers
MSP430FR2633 TI1-MSP430FR2633_17 Datasheet
2Mb / 107P
[Old version datasheet]   Capacitive Touch Sensing Mixed-Signal Microcontrollers
logo
List of Unclassifed Man...
S2-0209 ETC1-S2-0209 Datasheet
465Kb / 2P
   High Linearity Position Sensing Detector with Signal Processing Circuit
logo
Texas Instruments
MSP430FR2676 TI1-MSP430FR2676_V01 Datasheet
2Mb / 112P
[Old version datasheet]   MSP430FR267x Capacitive Touch Sensing Mixed-Signal Microcontrollers
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
Microchip Technology
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
   8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
logo
Gamewell-FCI by Honeywe...
MCS-4-WARN GAMEWELL-FCI-MCS-4-WARN Datasheet
64Kb / 2P
   Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
STMicroelectronics
TDA7505 STMICROELECTRONICS-TDA7505 Datasheet
489Kb / 38P
   Car radio DSP for advanced signal processing
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
   Dual Channel signal processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com