Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA31751 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MA31751
Description  Memory Management & Block Protection Unit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31751 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button MA31751 Datasheet HTML 2Page - Dynex Semiconductor MA31751 Datasheet HTML 3Page - Dynex Semiconductor MA31751 Datasheet HTML 4Page - Dynex Semiconductor MA31751 Datasheet HTML 5Page - Dynex Semiconductor MA31751 Datasheet HTML 6Page - Dynex Semiconductor MA31751 Datasheet HTML 7Page - Dynex Semiconductor MA31751 Datasheet HTML 8Page - Dynex Semiconductor MA31751 Datasheet HTML 9Page - Dynex Semiconductor MA31751 Datasheet HTML 10Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MA31751
6/17
4.1 SIGNAL DEFINITIONS
Pin Name
Function
Description
A00-A15
Processor Address Bus
An active-high address bus for addresses and XIO commands. A15 is the
LSB.
D00-D16
System Data Bus
Data bus used to transfer data to and from the MMU/BPU. D15 is the LSB and
D16 is the parity bit.
EA00-EA10
Extended Address Bus
If the MMU is selected (using CSN) then EA0-EA10 provides the system
extended address. EA3-EA10 should be combined with A4-A15 from the
processor to give the full 20 bit 1750A system address bus and EA0-EA10
with A4-A15 gives a 23 bit 1750B system address bus. (See Fig 4).During XIO
transfers, EA7-10 mimic A0-A3 to present the full processor address to the
system. When the MMU is not selected, EA0-EA10 become inputs to allow the
BPU to protect the appropriate section of extended memory.
ASIN
Address Strobe In
The rising edge of this active-high signal generated by the CPU or DMA
controller, indicates that a valid address is present on the MA31750.
DSN
Data Strobe
The rising edge of this active-low signal generated by the CPU or DMA
controller, indicates that valid data is present on D00-D16 of the MA31750.
EAS
Extended Address Strobe
The rising edge of this active-high signal indicates that a valid and stable
extended address is available from the MA31751. This pin becomes an input
when no MMU is selected and should be driven from the system address
strobe. During XIO cycles, EAS follows ASIN.
MION
Memory / IO Select
This input is used to select between normal operation and command transfer
(XIO) mode. A high indicates memory whilst a low indicates IO. This signal is
provided by the CPU or the DMA controller.
RDWN
Read / Write Select
This input indicates the direction of data transfer on the data bus. A high level
indicates that the processor is reading the bus whilst a low level indicates that
the processor is driving the bus. The input is driven by the CPU or the DMA
controller.
OIN
Operand / Instruction Select This input indicates the type of data on the data bus. A high indicates operand
data whilst a low indicates the presence of instruction data. The signal is
provided by the CPU or the DMA controller.
AS0-AS3
Address State
This bus comes from the DMA controller during DMA accesses. It is used by
the MMU as part of the page selection operation. (During CPU operation, this
information is read from the MMU’s copy of the CPU status word). If no MMU
function is required, these inputs should be tied to ground.
PS0-PS3
Processor State
This bus comes from the DMA controller during DMA accesses. It is used by
the MMU to provide lock and key protection on page accesses. (During CPU
operation, this information is read from the MMU’s copy of the CPU status
word.) If no MMU function is required, these inputs should be tied to ground.
SYSTEM BUSSES
BUS CONTROL
EXTENDED MEMORY CONTROL
Figure 6: Pin Description Table


Similar Part No. - MA31751

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
   High Performance MIL-STD-1750 Microprocessor
MA31753 DYNEX-MA31753 Datasheet
243Kb / 30P
   DMA Controller (DMAC) For An MA31750 System
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
More results

Similar Description - MA31751

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG290 SILABS-EFM32LG290 Datasheet
2Mb / 82P
   Memory Protection Unit
EFM32G800 SILABS-EFM32G800 Datasheet
410Kb / 22P
   Memory Protection Unit
EFM32GG280 SILABS-EFM32GG280 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32LG900 SILABS-EFM32LG900 Datasheet
477Kb / 27P
   Memory Protection Unit
EFM32GG290 SILABS-EFM32GG290 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32GG230 SILABS-EFM32GG230 Datasheet
1Mb / 70P
   Memory Protection Unit
EFM32GG900 SILABS-EFM32GG900 Datasheet
485Kb / 27P
   Memory Protection Unit
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_14 Datasheet
769Kb / 41P
   200 MIPS at 180 MHz, Memory Management Unit
logo
Xicor Inc.
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com