Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA31751 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MA31751
Description  Memory Management & Block Protection Unit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31751 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MA31751 Datasheet HTML 1Page - Dynex Semiconductor MA31751 Datasheet HTML 2Page - Dynex Semiconductor MA31751 Datasheet HTML 3Page - Dynex Semiconductor MA31751 Datasheet HTML 4Page - Dynex Semiconductor MA31751 Datasheet HTML 5Page - Dynex Semiconductor MA31751 Datasheet HTML 6Page - Dynex Semiconductor MA31751 Datasheet HTML 7Page - Dynex Semiconductor MA31751 Datasheet HTML 8Page - Dynex Semiconductor MA31751 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MA31751
4/17
AS[0:3]
A[0:15]
EA[3:10]
A[4:15]
PB[0:3]
AS[0:3]
A[0:15]
EA[0:10]
A[4:15]
1750A
Addressing
Logical
Physical
1750B
Addressing
Logical*
Physical
1750A Extended Physical Address [0:19]
1750B Extended Physical Address [0:22]
EA3
A4
A15
AS0
AS3 A0
PA0
PA19
EA10
A15
PA0
PA22
A15
A4
EA10
EA0
PB0
PB3
AS3
AS0
A15
A0
* There are 16M words of logical address in 1750B. The 16MWord
logical to 8MWord physical mapping is user defined.
Figure 4: Extended Address Mapping in 1750A/B Mode
Figure 5: MA31751 Selection Chart for Varying Memory Requirements
Addressable
Physical
Memory
Addressable
Logical
Memory
Is BPU
Protection
Required?
Mode
Number of
MMUs
Number of
BPUs
Number of
MA31751s
Required
64KW
64KW
NO
A
0
0
0
1MW
1MW
NO
A
1
0
1
64KW
64KW
YES
A
0
1
1
1MW
1MW
YES
A
1
1
1
64KW
64KW
NO
B
0
0
0
8MW
1MW
NO
B
1
0
1
8MW
2MW
NO
B
2
0
2
8MW
4MW
NO
B
4
0
4
8MW
8MW
NO
B
8
0
8
8MW
16MW
NO
B
16
0
16
64KW
64KW
YES
B
0
1
1
8MW
1MW
YES
B
1
8
8
8MW
2MW
YES
B
2
8
8
8MW
4MW
YES
B
4
8
8
8MW
8MW
YES
B
8
8
8
8MW
16MW
YES
B
16
8
16
Notes: 1. Memory is specified in terms of addressable instruction space.
2. It is assumed that the whole of the physical address space is used in 1750B - if this is not the
case the number of MA31751 chips may be reduced.


Similar Part No. - MA31751

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
   High Performance MIL-STD-1750 Microprocessor
MA31753 DYNEX-MA31753 Datasheet
243Kb / 30P
   DMA Controller (DMAC) For An MA31750 System
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
More results

Similar Description - MA31751

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG290 SILABS-EFM32LG290 Datasheet
2Mb / 82P
   Memory Protection Unit
EFM32G800 SILABS-EFM32G800 Datasheet
410Kb / 22P
   Memory Protection Unit
EFM32GG280 SILABS-EFM32GG280 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32LG900 SILABS-EFM32LG900 Datasheet
477Kb / 27P
   Memory Protection Unit
EFM32GG290 SILABS-EFM32GG290 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32GG230 SILABS-EFM32GG230 Datasheet
1Mb / 70P
   Memory Protection Unit
EFM32GG900 SILABS-EFM32GG900 Datasheet
485Kb / 27P
   Memory Protection Unit
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_14 Datasheet
769Kb / 41P
   200 MIPS at 180 MHz, Memory Management Unit
logo
Xicor Inc.
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com