Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS213 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IQS213
Description  3-Channel Capacitive Touch/Swipe Function Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS213 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IQS213 Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS213 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2013
IQS213A (IQS213) Datasheet
Page 8 of 46
All Rights Reserved
Revision 2.1
March 2014
5.2 User Selectable Configuration Options
Table 5.1 : User Selectable Configuration Options : Bank 0
bit7
Bank 0
bit0
THALT1
THALT0
LOGIC
FLOAT RX
PROJ
IC TYPE2
IC TYPE1
IC TYPE0
Bank0: bit7:6
THALT1:THALT0: LTA Halt Time
Section 6.5
00 = 2.5s
01 = 20s
10 = 60s
11 = Never
Bank0: bit5
LOGIC: Output Logic
Section 6.4
0 = Active Low
1
1 = Active High
Bank0: bit4
FLOAT RX: Float Sense Electrodes
Section 6.8
0 = No
1 = Yes
Bank0: bit3
PROJ: Capacitive Technology
Section 6.2
0 = Self Capacitance
1 = Projected Capacitance
Bank0: bit2:0
IC TYPE: Select IC type
Section 6.1
000 = 1zz 12z z2z
- 2CH SWIPE
001 = 1zz x2x zz3
- 3CH SWIPE (Thresholds * 2)
010 = 1zz z2z zz3
- 3CH SWIPE
011 = 1zz 12z z2z z23 zz3
- 3CH SWIPE
100 = 2CH Normal
- 2 Channel Touch Sensor
101 = 3CH Normal
- 3 Channel Touch Sensor
110 = 1zz 1xz x2x zx3 zz3
- 3CH SWIPE
111 = 1zz, x2x, zz3
- 3CH SWIPE
1 Active Low configurations are software open-drain (SW OD).
Note: The proximity output on the PO/TX-pin (pin 10) is multiplexed with the transmit signal (TX)
for projected capacitance electrodes, and is Active High ONLY for Projected configurations.


Similar Part No. - IQS213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS213A ETC2-IQS213A Datasheet
2Mb / 48P
   Sub 5關A* current consumption (?쏾ero-Power??electronic switch).
More results

Similar Description - IQS213

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
   3-Key Capacitive Touch Controller
logo
List of Unclassifed Man...
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
   Capacitive Touch Controller
V1.09 March 06,2013
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
Microchip Technology
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
logo
List of Unclassifed Man...
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
   Single Channel Capacitive Proximity/Touch Controller
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity, Touch Controller
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
   8-channel capacitive touch key controller
logo
List of Unclassifed Man...
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
   Single Channel Capacitive Proximity/Touch Controller
logo
ELAN Microelectronics C...
EKT8100A EMC-EKT8100A Datasheet
963Kb / 37P
   Capacitive Touch Pad Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
   Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com