Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS132 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IQS132
Description  IQ Switch - ProxSenseTM Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS132 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IQS132 Datasheet HTML 1Page - List of Unclassifed Manufacturers IQS132 Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS132 Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS132 Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS132 Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS132 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS132 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IQ Switch
®
ProxSense
Series
Copyright © Azoteq (Pty) Ltd 2010.
IQS132/33/43EV02 Evaluation Kit User
Manual
Page 4 of 6
All Rights Reserved.
Revision 1.1
January 2012
GND
C1
1uF
VDDHI
C3
1uF
GND
C2
100pF
C4
100pF
CX0
R0
470R
CX1
R1
470R
TO0/DATA
TO1
POUT
GND
VDDHI
R2
2K
R3
2K
DS0
DS1
R4
2K
PROX0
TO0/DATA
TO1
POUT
TO0
TO1
PO0
R5
3K3
VDDHI
VIN
GND
VDDHI
GND
GND
1
VDDHI
3
VREG
4
CX0
2
CX1
8
PO0
5
TO0/DATA
6
TO1
7
U1
IQS132 SOIC-8
Connect to sense buttons
(See Appnote: AZD008 for button design
guidelines)
TO0 = Touch Output 0
TO1 = Touch Output 1
P0 = Proximity Output 0
IOs configured as software open drain (default)
Pull-up resistor required to use 1-wire protocol.
Optional: 100pF capacitors for additional RF
immunity.
GND
C1
1uF
VDDHI
C3
1uF
GND
C2
100pF
C4
100pF
CX0
R0
470R
CX1
R1
470R
TO0/DATA
TO1
POUT
GND
VDDHI
R3
2K
R4
2K
DS0
RED
DS1
RED
R5
2K
DS2
RED
TO0/DATA
TO1
TO2
TO0
TO1
TO2
R8
10K
VDDHI
VIN
GND
VDDHI
GND
CX2
R2
470R
TO2
R6
2K
PROX0
BLUE
POUT
PO0
GND
1
VDDHI
4
VREG
5
CX0
2
CX1
3
POUT
6
CX2
9
TO2
10
TO0/DATA
7
TO1
8
U1
IQS133 MSOP-10
Connect to sense buttons
(See Appnote: AZD008 for button design
guidelines)
TO0 = Touch Output 0
TO1 = Touch Output 1
PO0 = Proximity Output
IOs configured as software open drain (default)
Pull-up resistor required to use 1-wire protocol.
Optional: 100pF capacitors for additional RF
immunity.
GND
C1
1uF
VDDHI
C4
100pf
GND
C2
100pF
C3
1uF
CX0
R0
470R
CX1
R1
470R
RDY/RF
SDA
SHLD
GND
VDDHI
R8
100K
R9
100K
R10
10K
SDA
SCL
SHLD
SDA
SCL
SHLD
VIN
GND
VDDHI
GND
CX2
R2
470R
SCL
R7
100K
RDY/RF
RDY
GND
1
VDDHI
4
VREG
5
CX0
2
CX1
3
SHLD
10
CX2
9
RDY/RF
6
SDA
7
SCL
8
U1
IQS143 MSOP-10
Connect to sense buttons
(See Appnote: AZD008 for button design
guidelines)
Optional: 100pF capacitors for additional RF
immunity.
4 Reference Designs
4.1 IQS132 Reference Design
Figure 4.1
IQS132 Reference design
4.2 IQS133 Reference Design
Figure 4.2
IQS133 Reference design
4.3 IQS143 Reference Design
Figure 4.3
IQS143 Reference design


Similar Part No. - IQS132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS133 ETC2-IQS133 Datasheet
458Kb / 24P
   IQ Switch - ProxSense Series
More results

Similar Description - IQS132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS127 ETC2-IQS127 Datasheet
518Kb / 8P
   IQ Switch - ProxSenseTM Series
IQS316EV02 ETC2-IQS316EV02 Datasheet
2Mb / 10P
   IQ Switch - ProxSense Series
IQS133 ETC2-IQS133 Datasheet
458Kb / 24P
   IQ Switch - ProxSense Series
IQS156 ETC2-IQS156 Datasheet
504Kb / 25P
   IQ Switch - ProxSense Series
IQS316EV01 ETC2-IQS316EV01 Datasheet
4Mb / 9P
   IQ Switch - ProxSense Series
logo
Monolithic Power System...
MP5095 MPS-MP5095 Datasheet
686Kb / 14P
   Low IQ, Dual-Channel, 2.3A Load Switch
MP5090 MPS-MP5090 Datasheet
433Kb / 15P
   Low IQ, Dual-Channel, 3A/2A Load Switch
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
ebm-papst
IQ3608 EBMPAPST-IQ3608 Datasheet
335Kb / 9P
   iQ-motor
logo
Linear Technology
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com