Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA28155 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # MA28155
Description  Radiation Hard Programmable Peripheral Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28155 Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button MA28155 Datasheet HTML 4Page - Dynex Semiconductor MA28155 Datasheet HTML 5Page - Dynex Semiconductor MA28155 Datasheet HTML 6Page - Dynex Semiconductor MA28155 Datasheet HTML 7Page - Dynex Semiconductor MA28155 Datasheet HTML 8Page - Dynex Semiconductor MA28155 Datasheet HTML 9Page - Dynex Semiconductor MA28155 Datasheet HTML 10Page - Dynex Semiconductor MA28155 Datasheet HTML 11Page - Dynex Semiconductor MA28155 Datasheet HTML 12Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MA28155
8/20
Output Control Signal Definition (Mode 1)
OBFN
OBFN
OBFN
OBFN
OBFN (Output Buffer Full Register Bit).
The OBFN output will go low to indicate that the CPU has
written data out to the specified port. The OBF register bit will
be set by the rising edge of the DSN input and reset by ACKN
input being low.
ACKN
ACKN
ACKN
ACKN
ACKN (Acknowledge Input).
A low on this input informs the 28155 that the data from
port A or port B has been accepted; in essence, a response
from the peripheral device indicating that it has received the
data output by the CPU.
INTR (Interrupt Request).
A high on this output can be used to interrupt the CPU
when an output device has accepted data transmitted by the
CPU. INTR is set when ACKN is high, OBFN is high and INTE
is high. It is reset by the falling edge of DSN
.
INTE A: Controlled by bit set/reset of PC6
INTE B: Controlled by bit set/reset of PC2
Figure 11: Strobed Output (PORT A)
Figure 12: Strobed Output (PORT B)
DSN
RD/WN
ACKAN
OBFAN
RD/WN
DSN
ACKBN
OBFBN


Similar Part No. - MA28155

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
More results

Similar Description - MA28155

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
   Radiation Hardened CMOS Programmable Peripheral Interface
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
   Programmable Peripheral Interface
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
   Programmable Peripheral Interface
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com