Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7256A Datasheet(PDF) 6 Page - Altera Corporation

Part # EPM7256A
Description  Programmable Logic Device Family
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7256A Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPM7256A Datasheet HTML 2Page - Altera Corporation EPM7256A Datasheet HTML 3Page - Altera Corporation EPM7256A Datasheet HTML 4Page - Altera Corporation EPM7256A Datasheet HTML 5Page - Altera Corporation EPM7256A Datasheet HTML 6Page - Altera Corporation EPM7256A Datasheet HTML 7Page - Altera Corporation EPM7256A Datasheet HTML 8Page - Altera Corporation EPM7256A Datasheet HTML 9Page - Altera Corporation EPM7256A Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
6
Altera Corporation
MAX 7000A Programmable Logic Device Data Sheet
Functional
Description
The MAX 7000A architecture includes the following elements:
Logic array blocks (LABs)
Macrocells
Expander product terms (shareable and parallel)
Programmable interconnect array
I/O control blocks
The MAX 7000A architecture includes four dedicated inputs that can be
used as general-purpose inputs or as high-speed, global control signals
(clock, clear, and two output enable signals) for each macrocell and I/O
pin. Figure 1 shows the architecture of MAX 7000A devices.


Similar Part No. - EPM7256A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256A ALTERA-EPM7256A Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7256A ALTERA-EPM7256A Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256A ALTERA-EPM7256A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7256A ALTERA-EPM7256A Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256A ALTERA-EPM7256A Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
More results

Similar Description - EPM7256A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com