Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INT035TFT-TS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # INT035TFT-TS
Description  LCD Module Product Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT035TFT-TS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button INT035TFT-TS Datasheet HTML 4Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 5Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 6Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 7Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 8Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 9Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 10Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 11Page - List of Unclassifed Manufacturers INT035TFT-TS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Displaytech Ltd
LCD MODULE
INT035TFT / INT035TFT-TS
Version: 2.1
7
6. Interface Description
Pin no
Symbol
I/O
Description
1
GND
---
Power ground 0V
2
VDDIO
---
Power supply for digital I/O pads
3
VDDD
---
Power supply for internal digital circuit
4
VDDLCD
---
Power supply for LCD interface related pads
5
GND
---
Power ground 0V
6
TP_AUX
I
Auxiliary Input: Analog input that used to monitor external conditions such as
battery voltage or temperature. (INT035TFT-TS only: for MAX11802)
7
TP_TIRQ
O
Active-Low Touch Interrupt Output: Active-low interrupt, indicating that a touch is
present (CINT) or has been initiated (EINT) in DCM, or that new data is available
in the FIFO in ACM. (INT035TFT-TS only: for MAX11802)
8
TP_DIN
I
SPI Serial Data Input. (INT035TFT-TS only: for MAX11802)
9
TP_CLK
I
SPI Serial Data Clock Input. (INT035TFT-TS only: for MAX11802)
10
TP_DOUT
I
SPI Data Output. (INT035TFT-TS only: for MAX11802)
11
TP_CS
I
SPI Chip-Select Input. (INT035TFT-TS only: for MAX11802)
12
GND
---
Power ground 0V
13
/CS
I
Chip select (for Controller SSD1963)
14
/RS
I
Data/Command select
15
E(/RD)
I
6800 mode: E (enable signal)
8080 mode: /RD (read strobe signal)
16
R/W(/WR)
I
6800 mode: R/W
0: Write cycle
1: Read cycle
8080 mode: /WR (write strobe signal)
17
/RESET
I
Master synchronize reset
18
GND
---
Power ground 0V
19
|
36
DATA00
|
DATA17
I/O
Data bus. Pins not used should be floating
37
NC (PWM)
---
No connection
38
+5.0V
I
Power supply for backlight
39
NC (BL+)
---
No connection
40
NC (BL-)
---
No connection


Similar Part No. - INT035TFT-TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INT018ATFT ETC2-INT018ATFT Datasheet
795Kb / 13P
   LCD Module Product Specification
INT022ATFT ETC2-INT022ATFT Datasheet
807Kb / 13P
   LCD Module Product Specification
INT024BTFT ETC2-INT024BTFT Datasheet
983Kb / 14P
   LCD Module Product Specification
INT024BTFT-TS ETC2-INT024BTFT-TS Datasheet
983Kb / 14P
   LCD Module Product Specification
INT028ATFT ETC2-INT028ATFT Datasheet
1,002Kb / 14P
   LCD Module Product Specification
More results

Similar Description - INT035TFT-TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT043BTFT ETC2-DT043BTFT Datasheet
948Kb / 13P
   LCD Module Product Specification
INT024BTFT ETC2-INT024BTFT Datasheet
983Kb / 14P
   LCD Module Product Specification
DT028ATFT ETC2-DT028ATFT Datasheet
1Mb / 14P
   LCD Module Product Specification
DT035TFT ETC2-DT035TFT Datasheet
947Kb / 13P
   LCD Module Product Specification
DT022BTFT ETC2-DT022BTFT Datasheet
1Mb / 13P
   LCD Module Product Specification
INT057ATFT ETC2-INT057ATFT Datasheet
1Mb / 14P
   LCD Module Product Specification
128240D-RGB ETC2-128240D-RGB Datasheet
1Mb / 22P
   LCD Module Product Specification
DT018ATFT ETC2-DT018ATFT Datasheet
945Kb / 13P
   LCD Module Product Specification
INT018ATFT ETC2-INT018ATFT Datasheet
795Kb / 13P
   LCD Module Product Specification
INT022ATFT ETC2-INT022ATFT Datasheet
807Kb / 13P
   LCD Module Product Specification
INT028ATFT ETC2-INT028ATFT Datasheet
1,002Kb / 14P
   LCD Module Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com