Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7032S Datasheet(PDF) 6 Page - Altera Corporation

Part # EPM7032S
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7032S Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPM7032S Datasheet HTML 2Page - Altera Corporation EPM7032S Datasheet HTML 3Page - Altera Corporation EPM7032S Datasheet HTML 4Page - Altera Corporation EPM7032S Datasheet HTML 5Page - Altera Corporation EPM7032S Datasheet HTML 6Page - Altera Corporation EPM7032S Datasheet HTML 7Page - Altera Corporation EPM7032S Datasheet HTML 8Page - Altera Corporation EPM7032S Datasheet HTML 9Page - Altera Corporation EPM7032S Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
MAX 7000 devices contain from 32 to 256 macrocells that are combined
into groups of 16 macrocells, called logic array blocks (LABs). Each
macrocell has a programmable-AND/fixed-OR array and a configurable
register with independently programmable clock, clock enable, clear, and
preset functions. To build complex logic functions, each macrocell can be
supplemented with both shareable expander product terms and high-
speed parallel expander product terms to provide up to 32 product terms
per macrocell.
The MAX 7000 family provides programmable speed/power
optimization. Speed-critical portions of a design can run at high
speed/full power, while the remaining portions run at reduced
speed/low power. This speed/power optimization feature enables the
designer to configure one or more macrocells to operate at 50% or lower
power while adding only a nominal timing delay. MAX 7000E and
MAX 7000S devices also provide an option that reduces the slew rate of
the output buffers, minimizing noise transients when non-speed-critical
signals are switching. The output drivers of all MAX 7000 devices (except
44-pin devices) can be set for either 3.3-V or 5.0-V operation, allowing
MAX 7000 devices to be used in mixed-voltage systems.
The MAX 7000 family is supported byAltera development systems, which
are integrated packages that offer schematic, text—including VHDL,
Verilog HDL, and the Altera Hardware Description Language (AHDL)—
and waveform design entry, compilation and logic synthesis, simulation
and timing analysis, and device programming. The software provides
EDIF 2 0 0 and 3 0 0, LPM, VHDL, Verilog HDL, and other interfaces for
additional design entry and simulation support from other industry-
standard PC- and UNIX-workstation-based EDA tools. The software runs
on Windows-based PCs, as well as Sun SPARCstation, and HP 9000 Series
700/800 workstations.
f For more information on development tools, see the MAX+PLUS II
Programmable Logic Development System & Software Data Sheet and the
Quartus Programmable Logic Development System & Software Data Sheet.
Functional
Description
The MAX 7000 architecture includes the following elements:
Logic array blocks
Macrocells
Expander product terms (shareable and parallel)
Programmable interconnect array
I/O control blocks


Similar Part No. - EPM7032S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032S ALTERA-EPM7032S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032S ALTERA-EPM7032S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032S ALTERA-EPM7032S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032S ALTERA-EPM7032S Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032S ALTERA-EPM7032S Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7032S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com