Electronic Components Datasheet Search |
|
EPF8452A Datasheet(PDF) 3 Page - Altera Corporation |
|
EPF8452A Datasheet(HTML) 3 Page - Altera Corporation |
3 / 62 page Altera Corporation 3 FLEX 8000 Programmable Logic Device Family Data Sheet 3 FLEX 8000 devices provide a large number of storage elements for applications such as digital signal processing (DSP), wide-data-path manipulation, and data transformation. These devices are an excellent choice for bus interfaces, TTL integration, coprocessor functions, and high-speed controllers. The high-pin-count packages can integrate multiple 32-bit buses into a single device. Table 3 shows FLEX 8000 performance and LE requirements for typical applications. All FLEX 8000 device packages provide four dedicated inputs for synchronous control signals with large fan-outs. Each I/O pin has an associated register on the periphery of the device. As outputs, these registers provide fast clock-to-output times; as inputs, they offer quick setup times. The logic and interconnections in the FLEX 8000 architecture are configured with CMOS SRAM elements. FLEX 8000 devices are configured at system power-up with data stored in an industry-standard parallel EPROM or an Altera serial configuration devices, or with data provided by a system controller. Altera offers the EPC1, EPC1213, EPC1064, and EPC1441 configuration devices, which configure FLEX 8000 devices via a serial data stream. Configuration data can also be stored in an industry-standard 32 K × 8 bit or larger configuration device, or downloaded from system RAM. After a FLEX 8000 device has been configured, it can be reconfigured in-circuit by resetting the device and loading new data. Because reconfiguration requires less than 100 ms, real- time changes can be made during system operation. For information on how to configure FLEX 8000 devices, go to the following documents: ■ Configuration Devices for APEX & FLEX Devices Data Sheet ■ BitBlaster Serial Download Cable Data Sheet ■ ByteBlasterMV Parallel Port Download Cable Data Sheet ■ Application Note 33 (Configuring FLEX 8000 Devices) ■ Application Note 38 (Configuring Multiple FLEX 8000 Devices) Table 3. FLEX 8000 Performance Application LEs Used Speed Grade Units A-2 A-3 A-4 16-bit loadable counter 16 125 95 83 MHz 16-bit up/down counter 16 125 95 83 MHz 24-bit accumulator 24 87 67 58 MHz 16-bit address decode 4 4.2 4.9 6.3 ns 16-to-1 multiplexer 10 6.6 7.9 9.5 ns |
Similar Part No. - EPF8452A |
|
Similar Description - EPF8452A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |