Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM3032A Datasheet(PDF) 5 Page - Altera Corporation

Part # EPM3032A
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3032A Datasheet(HTML) 5 Page - Altera Corporation

  EPM3032A Datasheet HTML 1Page - Altera Corporation EPM3032A Datasheet HTML 2Page - Altera Corporation EPM3032A Datasheet HTML 3Page - Altera Corporation EPM3032A Datasheet HTML 4Page - Altera Corporation EPM3032A Datasheet HTML 5Page - Altera Corporation EPM3032A Datasheet HTML 6Page - Altera Corporation EPM3032A Datasheet HTML 7Page - Altera Corporation EPM3032A Datasheet HTML 8Page - Altera Corporation EPM3032A Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Altera Corporation
5
MAX 3000A Programmable Logic Device Family Data Sheet
Figure 1. MAX 3000A Device Block Diagram
Note:
(1)
EPM3032A, EPM3064A, EPM3128A, and EPM3256A devices have six output enables. EPM3512A devices have
10 output enables.
Logic Array Blocks
The MAX 3000A device architecture is based on the linking of
high–performance LABs. LABs consist of 16–macrocell arrays, as shown
in Figure 1. Multiple LABs are linked together via the PIA, a global bus
that is fed by all dedicated input pins, I/O pins, and macrocells.
Each LAB is fed by the following signals:
36 signals from the PIA that are used for general logic inputs
Global controls that are used for secondary register functions
6 or 10
6 or 10
INPUT/GCLRn
6 or 10 Output Enables (1)
6 or 10 Output Enables (1)
16
36
36
16
I/O
Control
Block
LAB C
LAB D
I/O
Control
Block
6 or 10
16
36
36
16
I/O
Control
Block
LAB A
Macrocells
1 to 16
LAB B
I/O
Control
Block
6 or 10
PIA
INPUT/GCLK1
INPUT/OE2/GCLK2
INPUT/OE1
2 to 16 I/O
2 to 16 I/O
2 to 16 I/O
2 to 16 I/O
2 to
16
2 to
16
2 to
16
2 to
16
2 to 16
2 to 16
2 to 16
2 to 16
Macrocells
17 to 32
Macrocells
33 to 48
Macrocells
49 to 64


Similar Part No. - EPM3032A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3032A ALTERA-EPM3032A Datasheet
649Kb / 42P
   Programmable Logic Device Family
EPM3032A ALTERA-EPM3032A Datasheet
710Kb / 46P
   Programmable Logic Device Family
EPM3032A ALTERA-EPM3032A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM3032A ALTERA-EPM3032A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3032A ALTERA-EPM3032A Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3032A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com