Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INT018ATFT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # INT018ATFT
Description  LCD Module Product Specification
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT018ATFT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button INT018ATFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 12Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Displaytech Ltd
LCD MODULE
INT018ATFT
Version: 1.0
10
Note 4: The definition of contrast ratio (Test LCM using PR-705):
Contrast Ratio (CR) =
Luminance When LCD is at “White” state
Luminance When LCD is at “Black” state
(Contrast Ratio is measured in optimum common electrode voltage)
Note 5: Definition of Response time. (Test LCD using DMS501):
The output signals of photo detector are measured when the input signals are changed from “black” to
“white” (falling time) and from “white” to “black” (rising time), respectively.
The response time is defined as the time interval between the 10% and 90% of amplitudes. Refer to figure
as below.
The definition of response time
Note 6: Definition of Color of CIE Coordinate and NTSC Ratio.
Color gamut:
S =
area of RGB triangle
x 100%
area of NTSC triangle


Similar Part No. - INT018ATFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INT022ATFT ETC2-INT022ATFT Datasheet
807Kb / 13P
   LCD Module Product Specification
INT024BTFT ETC2-INT024BTFT Datasheet
983Kb / 14P
   LCD Module Product Specification
INT024BTFT-TS ETC2-INT024BTFT-TS Datasheet
983Kb / 14P
   LCD Module Product Specification
INT028ATFT ETC2-INT028ATFT Datasheet
1,002Kb / 14P
   LCD Module Product Specification
INT028ATFT-TS ETC2-INT028ATFT-TS Datasheet
1,002Kb / 14P
   LCD Module Product Specification
More results

Similar Description - INT018ATFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT043BTFT ETC2-DT043BTFT Datasheet
948Kb / 13P
   LCD Module Product Specification
INT024BTFT ETC2-INT024BTFT Datasheet
983Kb / 14P
   LCD Module Product Specification
DT028ATFT ETC2-DT028ATFT Datasheet
1Mb / 14P
   LCD Module Product Specification
DT035TFT ETC2-DT035TFT Datasheet
947Kb / 13P
   LCD Module Product Specification
DT022BTFT ETC2-DT022BTFT Datasheet
1Mb / 13P
   LCD Module Product Specification
INT057ATFT ETC2-INT057ATFT Datasheet
1Mb / 14P
   LCD Module Product Specification
128240D-RGB ETC2-128240D-RGB Datasheet
1Mb / 22P
   LCD Module Product Specification
DT018ATFT ETC2-DT018ATFT Datasheet
945Kb / 13P
   LCD Module Product Specification
INT022ATFT ETC2-INT022ATFT Datasheet
807Kb / 13P
   LCD Module Product Specification
INT028ATFT ETC2-INT028ATFT Datasheet
1,002Kb / 14P
   LCD Module Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com