Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

561-SL1000NYGY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-SL1000NYGY
Description  Split Loom Tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-SL1000NYGY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-SL1000NYGY Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-SL1000NYGY Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Split Loom Tubing
EPD-200898
Date Last Revised: 11-13-12
DIMENSIONS: in.
561-SL250PE, 561-SL375PE, 561-SL500PE, 561-SL625PE,
561-SL750PE, 561-SL1000PE, 561-SL250PP, 561-SL375PP, 561-SL500PP, 561-SL625PP, 561-SL750PP,
561-SL1000PP, 561-SL250FRPP, 561-SL375FRPP, 561-SL500FRPP, 561-SL625FRPP, 561-SL750FRPP,
561-SL1000FRPP, 561-SL250NYGY, 561-SL375NYGY, 561-SL500NYGY,
561-SL625NYGY, 561-SL750NYGY, 561-SL1000NYGY
MOUSER STOCK NO.
Description
A
B
C
Package Type
561-SL250PE
1/4" Polyethylene
0.266 (ref.)
0.395 (ref.)
0.120 (ref.)
100" Coil
561-SL375PE
3/8" Polyethylene
0.419 (ref.)
0.535 (ref.)
0.128 (ref.)
100" Coil
561-SL500PE
1/2" Polyethylene
0.505 (ref.)
0.670 (ref.)
0.143 (ref.)
100" Coil
561-SL625PE
5/8" Polyethylene
0.650 (ref.)
0.825 (ref.)
0.145 (ref.)
100" Coil
561-SL750PE
3/4" Polyethylene
0.761 (ref.)
0.927 (ref.)
0.144 (ref.)
100" Coil
561-SL1000PE
1" Polyethylene
0.909 (ref.)
1.033 (ref.)
0.172 (ref.)
100" Coil
561-SL250PP
1/4" Polypropylene
0.266 (ref.)
0.395 (ref.)
0.120 (ref.)
100" Coil
561-SL375PP
3/8" Polypropylene
0.419 (ref.)
0.535 (ref.)
0.128 (ref.)
100" Coil
561-SL500PP
1/2" Polypropylene
0.505 (ref.)
0.670 (ref.)
0.143 (ref.)
100" Coil
561-SL625PP
5/8" Polypropylene
0.650 (ref.)
0.825 (ref.)
0.145 (ref.)
100" Coil
561-SL750PP
3/4" Polypropylene
0.761 (ref.)
0.927 (ref.)
0.144 (ref.)
100" Coil
561-SL1000PP
1" Polypropylene
0.909 (ref.)
1.033 (ref.)
0.172 (ref.)
100" Coil
561-SL250FRPP
1/4" Flame Retardent Polypropylene
0.266 (ref.)
0.395 (ref.)
0.120 (ref.)
100" Coil
561-SL375FRPP
3/8" Flame Retardent Polypropylene
0.419 (ref.)
0.535 (ref.)
0.128 (ref.)
100" Coil
561-SL500FRPP
1/2" Flame Retardent Polypropylene
0.505 (ref.)
0.670 (ref.)
0.143 (ref.)
100" Coil
561-SL625FRPP
5/8" Flame Retardent Polypropylene
0.650 (ref.)
0.825 (ref.)
0.145 (ref.)
100" Coil
561-SL750FRPP
3/4" Flame Retardent Polypropylene
0.761 (ref.)
0.927 (ref.)
0.144 (ref.)
100" Coil
561-SL1000FRPP
1" Flame Retardent Polypropylene
0.909 (ref.)
1.033 (ref.)
0.172 (ref.)
100" Coil
561-SL250NYGY
1/4" Nylon
0.266 (ref.)
0.395 (ref.)
0.120 (ref.)
100" Coil
561-SL375NYGY
3/8" Nylon
0.419 (ref.)
0.535 (ref.)
0.128 (ref.)
100" Coil
561-SL500NYGY
1/2" Nylon
0.505 (ref.)
0.670 (ref.)
0.143 (ref.)
100" Coil
561-SL625NYGY
5/8" Nylon
0.650 (ref.)
0.825 (ref.)
0.145 (ref.)
100" Coil
561-SL750NYGY
3/4" Nylon
0.761 (ref.)
0.927 (ref.)
0.144 (ref.)
100" Coil
561-SL1000NYGY
1" Nylon
0.909 (ref.)
1.033 (ref.)
0.172 (ref.)
100" Coil
SPECIFICATIONS
All split loom is manufactured in Black
All nylon split loom has a Gray stripe for identification
All FR polypropylene split loom has a blue stripe
RoHS Compliant
C


Similar Part No. - 561-SL1000NYGY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-SL1000PEGR ETC2-561-SL1000PEGR Datasheet
162Kb / 1P
   Colored Split Loom Tubing
561-SL1000PERD ETC2-561-SL1000PERD Datasheet
162Kb / 1P
   Colored Split Loom Tubing
561-SL1000PEYW ETC2-561-SL1000PEYW Datasheet
162Kb / 1P
   Colored Split Loom Tubing
More results

Similar Description - 561-SL1000NYGY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-SL250PERD ETC2-561-SL250PERD Datasheet
162Kb / 1P
   Colored Split Loom Tubing
logo
OEN India Limited
04-SLPE2500 OENINDIA-04-SLPE2500 Datasheet
1Mb / 2P
   Split Loom
logo
Glenair, Inc.
600-180 GLENAIR-600-180 Datasheet
178Kb / 1P
   Wire Loom Tool For Use With Split 120-144 Tubing
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
   Tubing
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
   Neon-inspired tubing
logo
Glenair, Inc.
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
logo
Tyco Electronics
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com