Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS5N15F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS5N15F3
Description  N-channel 150 V, 0.045, 5 A, SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS5N15F3 Datasheet(HTML) 2 Page - STMicroelectronics

  STS5N15F3 Datasheet HTML 1Page - STMicroelectronics STS5N15F3 Datasheet HTML 2Page - STMicroelectronics STS5N15F3 Datasheet HTML 3Page - STMicroelectronics STS5N15F3 Datasheet HTML 4Page - STMicroelectronics STS5N15F3 Datasheet HTML 5Page - STMicroelectronics STS5N15F3 Datasheet HTML 6Page - STMicroelectronics STS5N15F3 Datasheet HTML 7Page - STMicroelectronics STS5N15F3 Datasheet HTML 8Page - STMicroelectronics STS5N15F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Contents
STS5N15F3
2/12
Doc ID 15472 Rev 2
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11


Similar Part No. - STS5N15F3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS5N15F3 VBSEMI-STS5N15F3 Datasheet
966Kb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

Similar Description - STS5N15F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5N15F4 STMICROELECTRONICS-STS5N15F4 Datasheet
716Kb / 11P
   N-channel 150 V, 0.057廓, 5 A, SO-8 STripFET??DeepGATE??Power MOSFET
STS5DNF60L STMICROELECTRONICS-STS5DNF60L Datasheet
286Kb / 12P
   N-channel 60 V, 0.035, 5 A SO-8 STripFET II Power MOSFET
STS5N15M3 STMICROELECTRONICS-STS5N15M3 Datasheet
333Kb / 12P
   N-channel 150 V, 45 m廓, 5 A, SO-8 ultra low gate charge MDmesh??III Power MOSFET
logo
ON Semiconductor
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
   Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
   Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMD6601NR2G ONSEMI-NTMD6601NR2G Datasheet
100Kb / 6P
   Power MOSFET 80 V, 2.2 A, Dual N-Channel, SO-8
February, 2008 - Rev. 0
MMDF1N05E ONSEMI-MMDF1N05E_V01 Datasheet
211Kb / 7P
   Power MOSFET 2 A, 50 V, N-Channel SO-8, Dual
December, 2012 - Rev. 11
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com