Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7A7512 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7A7512
Description  uP Supervisor Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7A7512 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PT7A7512 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7A7512 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0002
PT0082-7
07/05/12
6
PT7A7511-15/7521-25/7531-35
μP Supervisor Circuits
Functional Description
The PT75xx family can assert reset output during power-up, power-down and brownout conditions for P system, detect power
failure or low-battery conditions with a 1.25V threshold detector and have watchdog functions. Refer to Function Table of
PT7A75xx Family for their individual features. The typical application see Figure 4.
Reset Output
The supervisory circuits can assert reset for a microprocessor during power-up, power-down and brownout to prevent code
execution errors.
On power-up, once Vcc reaches about 1.2V, RESET is a guaranteed logic low of 0.4V or less. As Vcc rises, RESET stays low.
When Vcc rises above the reset threshold, an internal timer releases RESET after about 200ms. RESET pulses low whenever Vcc
drops below the reset threshold, i.e. brownout condition. If brownout occurs in the middle of a previously initiated reset pulse, the
pulse continues for at least another 140ms. On power-down, once Vcc falls below the reset threshold, RESET stays low and is
guaranteed to be 0.4V or less until Vcc drops below 1.0V.
The PT7A752x and PT7A753x active-high RESET output is simply the inverse of the RESET output, and is guaranteed to be
valid with Vcc down to 1.2V. Some Ps, such as Intel’s 80C51, require an active-high reset pulse.
Watchdog Timer
The watchdog circuit monitors the P activity. If the P does not toggle the watchdog input (WDI) within 1.6sec and WDI is not
in high impedance, WDO goes low. As long as RESET is asserted or the WDI input is in high impedance, the watchdog timer will
stay cleared and will not count. As soon as reset is released and WDI is driven high or low, the timer will start counting. Pulses as
short as 50ns can be detected.
Typically, WDO will be connected to the non-maskable interrupt input (NMI) of a P. When VCC drops below the reset threshold,
WDO will go low whether or not the watchdog timer has timed out yet. Normally this would trigger an NMI interrupt, but RESET
goes low simultaneously, and thus overrides the NMI interrupt. If WDI is left unconnected, WDO can be used as a low-line output.
Since floating WDI disables the internal timer, WDO goes low only when VCC falls below the reset threshold, thus functioning as
a low-line output.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by a push button switch. The switch is effectively debounced by the
140ms minimum reset pulse width. MR is TTL/CMOS logic compatible, so it can be driven by any logic reset output.
Power-Fail Comparator
The power-fail comparator will send out a Low signal once detects a voltage lowered than 1.25V. It can be used for various
purposes because its output and non-inverting input are not internally connected. The inverting input is internally connected to a
1.25V reference..
Typical Application Circuit
DC Linear
Regulator
Vcc
Supervisory
PFI
Circuit
WDI
P
Vcc
RESET
I/O Line
NMI
Interrupt
IN
OUT
RESET
WDO
PFO
MR
P


Similar Part No. - PT7A7512

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7A7512 PERICOM-PT7A7512 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7512 DIODES-PT7A7512 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
More results

Similar Description - PT7A7512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com