Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

805-RF250.0M-A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 805-RF250.0M-A
Description  Wireless, RF SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

805-RF250.0M-A Datasheet(HTML) 1 Page - Oscilent Corporation

  805-RF250.0M-A_14 Datasheet HTML 1Page - Oscilent Corporation 805-RF250.0M-A_14 Datasheet HTML 2Page - Oscilent Corporation 805-RF250.0M-A_14 Datasheet HTML 3Page - Oscilent Corporation 805-RF250.0M-A_14 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2010
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
805-RF250.0M-A
Wireless, RF SAW Filter
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Performance
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 805-RF250.0M-A_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
805-RF250.0M-A OSCILENT-805-RF250.0M-A Datasheet
182Kb / 2P
   RF SAW Filter for Wireless Communication
More results

Similar Description - 805-RF250.0M-A_14

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF-259502-S21 TRANSKO-TF-259502-S21 Datasheet
512Kb / 4P
   Wireless, RF SAW SAW Filter
Revision 0: June 2013
logo
Oscilent Corporation
802-RF915.0M-E OSCILENT-802-RF915.0M-E Datasheet
494Kb / 3P
   Wireless, RF SAW Filter
803-RF325.3M-A OSCILENT-803-RF325.3M-A Datasheet
238Kb / 2P
   Wireless RF SAW Filter
803-RF425.0M-C OSCILENT-803-RF425.0M-C Datasheet
397Kb / 3P
   Wireless RF SAW Filter
803-RF470.0M-A OSCILENT-803-RF470.0M-A Datasheet
154Kb / 5P
   Wireless, RF SAW Filter
805-RF325.3M-B OSCILENT-805-RF325.3M-B Datasheet
345Kb / 2P
   Wireless RF SAW Filter
802-RF770.0M-A OSCILENT-802-RF770.0M-A_14 Datasheet
139Kb / 5P
   Wireless, RF SAW Filter
802-RF813.5M-A OSCILENT-802-RF813.5M-A_14 Datasheet
137Kb / 5P
   Wireless, RF SAW Filter
803-RF718.0M-A OSCILENT-803-RF718.0M-A_14 Datasheet
138Kb / 5P
   Wireless, RF SAW Filter
logo
Transko Electronics, In...
TA448CP TRANSKO-TA448CP Datasheet
257Kb / 3P
   Wireless, RF SAW Filter
Revision 0: October 2002
TA710BM TRANSKO-TA710BM Datasheet
406Kb / 4P
   Wireless, RF SAW Filter
Revision 0: July 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com