Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1600FSM12 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # GP1600FSM12
Description  Single Switch IGBT Module Advance Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1600FSM12 Datasheet(HTML) 4 Page - Dynex Semiconductor

  GP1600FSM12 Datasheet HTML 1Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GP1600FSM12
4/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
INDUCTIVE SWITCHING CHARACTERISTICS
Symbol
t
d(off)
Turn-off delay time
Fall time
E
OFF
Turn-off energy loss
Conditions
ns
ns
mJ
1800
250
450
350
200
-
-
-
Parameter
Min.
Typ.
Max.
Units
1650
t
f
t
d(on)
Turn-on delay time
ns
1750
-
1600
Rise time
E
ON
Turn-on energy loss
ns
mJ
550
200
160
450
-
-
t
r
I
C = 1600A
V
GE = ±15V
V
CE = 600
R
G(ON) = RG(OFF) = 3.3Ω
L ~ 100nH
T
case =
125˚C unless stated otherwise.
T
case = 25˚C unless stated otherwise
Q
rr
Diode reverse recovery charge
µC
130
100
-
Q
rr
Diode reverse recovery charge
µC
-
170
-
I
F = 1600A
V
R = 50%VCES,
dI
F/dt = 2000A/µs
t
d(off)
Turn-off delay time
Fall time
E
OFF
Turn-off energy loss
ns
ns
mJ
2100
300
500
400
250
-
-
-
1900
t
f
t
d(on)
Turn-on delay time
ns
2000
-
1750
Rise time
E
ON
Turn-on energy loss
ns
mJ
550
350
250
500
-
-
t
r
I
C = 1600A
V
GE = ±15V
V
CE = 600
R
G(ON) = RG(OFF) = 3.3Ω
L ~ 100nH
Q
rr
Diode reverse recovery charge
µC
350
250
-
Q
rr
Diode reverse recovery charge
µC
-
225
-
I
F = 1600A
V
R = 50%VCES,
dI
F/dt = 2000A/µs


Similar Part No. - GP1600FSM12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1600FSM18 DYNEX-GP1600FSM18 Datasheet
127Kb / 9P
   Hi-Reliability Single Switch IGBT Module
More results

Similar Description - GP1600FSM12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP400DDM12 DYNEX-GP400DDM12 Datasheet
129Kb / 9P
   Dual Switch IGBT Module Advance Information
GP1200ESM33 DYNEX-GP1200ESM33 Datasheet
150Kb / 9P
   High Reliability Single Switch IGBT Module Advance Information
GP1600FSS12 DYNEX-GP1600FSS12 Datasheet
88Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Advance Information
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
   Hi-Reliability Dual Switch IGBT Module Advance Information
GP800DDM18 DYNEX-GP800DDM18 Datasheet
144Kb / 10P
   Hi-Reliability Dual Switch IGBT Module Advance Information
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
   Single Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
   Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
   Single Switch IGBT Module Preliminary Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
   Single Switch IGBT Module Preliminary Information
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
   Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com