Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB-LX2965IGW Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSB-LX2965IGW
Description  8.89mm x 8.89mm LIGHT BAR, RED/GREEN BICOLOR, WILKY WHITE DIFFUSED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSB-LX2965IGW Datasheet(HTML) 1 Page - LUMEX INC.

  SSB-LX2965IGW Datasheet HTML 1Page - LUMEX INC. SSB-LX2965IGW Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SSB-LX2965IGW

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSB-LX2950IYW LUMEX-SSB-LX2950IYW Datasheet
46Kb / 1P
   8.89mm X 8.89mm LIGHT BAR
More results

Similar Description - SSB-LX2965IGW

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSB-LX2950IYW LUMEX-SSB-LX2950IYW Datasheet
46Kb / 1P
   8.89mm X 8.89mm LIGHT BAR
SSB-LX2785YW LUMEX-SSB-LX2785YW Datasheet
123Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
SSB-LX2300SID LUMEX-SSB-LX2300SID Datasheet
52Kb / 1P
   8.89mm X 3.81mm LIGHT BAR
SSB-LXH100SRW LUMEX-SSB-LXH100SRW Datasheet
37Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
SSB-LX2685ID LUMEX-SSB-LX2685ID Datasheet
55Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
SSB-LX2685IW LUMEX-SSB-LX2685IW Datasheet
55Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
SSB-LX2685USBD LUMEX-SSB-LX2685USBD Datasheet
55Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
SSB-LX2885SGD LUMEX-SSB-LX2885SGD Datasheet
55Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
SSB-LX2885SGW LUMEX-SSB-LX2885SGW Datasheet
55Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
SSB-LX2785SYW LUMEX-SSB-LX2785SYW Datasheet
52Kb / 1P
   19.05mm X 8.89mm LIGHT BAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com