Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTSL-61R-B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DTSL-61R-B
Description  DTS Series - TACT Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DTSL-61R-B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DTSL-61R-B Datasheet HTML 1Page - List of Unclassifed Manufacturers DTSL-61R-B Datasheet HTML 2Page - List of Unclassifed Manufacturers DTSL-61R-B Datasheet HTML 3Page - List of Unclassifed Manufacturers DTSL-61R-B Datasheet HTML 4Page - List of Unclassifed Manufacturers DTSL-61R-B Datasheet HTML 5Page - List of Unclassifed Manufacturers DTSL-61R-B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
S. K
11/4/06
11/4/06
25/4/06
K. S
N. K
RELEASED
DTS Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2004.
TOLERANCES:
DRAWN BY:
S. Krishna
K. Suresh
N. Kiwomya
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
DTS Series - TACT Switches
233660_1_DWG
M10000249
11/04/06
DATE:
SIZE
SCALE: NTS
U.O.M.: mm (Inches)
SHEET:
5
OF 6
DWG NO.
ELECTRONIC FILE
REV
A
11/04/06
A
DATE:
25/04/06
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Part Number Explanation:
-
Package Style
B
-
Colour of Stem for
Operating Force
K
Total Height
1
6
Terminal
L
Product Series
G
DTS
Switch
Switch
: Tactile Switch.
Product Series
: G = With Ground Terminal,
= Without Ground Terminal.
Terminal
: L = With L S.M.T Terminal.
Total Height
: 1 = 2.5mm.
Colour of Stem Operating Force
: K = Black, R = Red.
Package Style
: B = Tube.


Similar Part No. - DTSL-61R-B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DTS-401 NJSEMI-DTS-401 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
DTS-402 NJSEMI-DTS-402 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
DTS-403 NJSEMI-DTS-403 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
DTS-411 NJSEMI-DTS-411 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
logo
List of Unclassifed Man...
DTS-61K-Q ETC-DTS-61K-Q Datasheet
936Kb / 2P
   6x6 Through Hole & Ground Terminal Type
More results

Similar Description - DTSL-61R-B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
   Tact switches
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com