Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5194 Datasheet(PDF) 5 Page - NEC

Part # 2SC5194
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5194 Datasheet(HTML) 5 Page - NEC

  2SC5194 Datasheet HTML 1Page - NEC 2SC5194 Datasheet HTML 2Page - NEC 2SC5194 Datasheet HTML 3Page - NEC 2SC5194 Datasheet HTML 4Page - NEC 2SC5194 Datasheet HTML 5Page - NEC 2SC5194 Datasheet HTML 6Page - NEC 2SC5194 Datasheet HTML 7Page - NEC 2SC5194 Datasheet HTML 8Page - NEC 2SC5194 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5194
5
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.928
–16.3
3.658
168.7
0.038
60.6
0.989
–7.0
200.00
0.919
–37.0
3.382
153.6
0.090
61.9
0.951
–13.4
300.00
0.886
–55.2
3.197
139.2
0.127
55.8
0.880
–27.4
400.00
0.866
–66.8
3.000
129.5
0.156
50.4
0.855
–32.8
500.00
0.827
–80.9
2.765
120.4
0.177
42.2
0.809
–39.9
600.00
0.756
–91.7
2.466
112.4
0.191
36.2
0.755
–41.9
700.00
0.738
–103.5
2.213
104.5
0.202
30.2
0.711
–47.1
800.00
0.725
–114.5
2.018
98.1
0.208
26.4
0.646
–48.3
900.00
0.706
–122.8
1.863
90.7
0.211
22.7
0.619
–52.6
1000.00
0.699
–132.2
1.712
85.6
0.210
18.8
0.569
–55.1
1100.00
0.675
–138.2
1.333
80.2
0.208
13.7
0.562
–59.2
1200.00
0.699
–145.9
1.463
76.2
0.206
9.6
0.534
–63.8
1300.00
0.718
–153.8
1.309
71.7
0.208
5.8
0.515
–65.8
1400.00
0.740
–157.1
1.235
69.1
0.208
4.0
0.504
–69.7
1500.00
0.713
–163.0
1.209
59.1
0.212
2.4
0.504
–69.9
1600.00
0.680
–166.4
1.192
55.2
0.210
2.8
0.497
–74.1
1700.00
0.697
–171.6
1.131
51.9
0.202
2.1
0.483
–76.3
1800.00
0.669
–178.6
1.119
50.5
0.194
2.7
0.486
–79.9
1900.00
0.696
178.7
1.018
47.5
0.187
1.1
0.478
–84.3
2000.00
0.702
174.8
0.955
46.1
0.178
1.2
0.490
–86.1
VCE = 1 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.873
–29.6
9.700
161.1
0.040
54.3
0.949
–15.1
200.00
0.837
–59.1
8.346
142.1
0.084
52.9
0.850
–34.3
300.00
0.792
–82.4
7.422
126.2
0.110
46.2
0.730
–49.0
400.00
0.734
–98.8
6.092
115.4
0.125
40.4
0.643
–56.6
500.00
0.679
–114.6
5.149
107.5
0.131
35.0
0.558
–63.4
600.00
0.645
–126.9
4.519
101.8
0.137
32.0
0.500
–66.0
700.00
0.637
–137.1
3.994
95.0
0.142
28.7
0.451
–73.1
800.00
0.617
–147.5
3.563
89.3
0.143
27.4
0.395
–76.7
900.00
0.588
–153.9
3.142
84.4
0.143
26.4
0.354
–80.0
1000.00
0.600
–161.2
2.865
81.0
0.143
25.5
0.327
–83.7
1100.00
0.588
–168.1
2.535
77.1
0.143
23.5
0.321
–87.7
1200.00
0.619
–172.9
2.427
73.4
0.143
21.7
0.303
–93.3
1300.00
0.626
–178.8
2.222
69.4
0.145
20.3
0.280
–95.8
1400.00
0.639
–179.4
2.110
66.5
0.149
20.6
0.268
–100.0
1500.00
0.630
175.2
2.017
60.5
0.157
20.8
0.259
–100.4
1600.00
0.600
172.3
1.913
57.3
0.161
22.3
0.259
–103.1
1700.00
0.614
167.9
1.820
54.6
0.160
24.1
0.247
–109.6
1800.00
0.605
163.4
1.720
54.0
0.161
26.0
0.251
–112.4
1900.00
0.623
161.5
1.618
52.0
0.160
26.5
0.253
–116.8
2000.00
0.630
153.6
1.532
51.0
0.160
27.2
0.259
–117.9


Similar Part No. - 2SC5194

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5194 RENESAS-2SC5194 Datasheet
221Kb / 12P
   SILICON TRANSISTOR
1994
2SC5194-T1 RENESAS-2SC5194-T1 Datasheet
221Kb / 12P
   SILICON TRANSISTOR
1994
2SC5194-T2 RENESAS-2SC5194-T2 Datasheet
221Kb / 12P
   SILICON TRANSISTOR
1994
More results

Similar Description - 2SC5194

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
logo
NEC
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com