Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG445 Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG445
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG445 Datasheet(HTML) 2 Page - Intersil Corporation

  DG445 Datasheet HTML 1Page - Intersil Corporation DG445 Datasheet HTML 2Page - Intersil Corporation DG445 Datasheet HTML 3Page - Intersil Corporation DG445 Datasheet HTML 4Page - Intersil Corporation DG445 Datasheet HTML 5Page - Intersil Corporation DG445 Datasheet HTML 6Page - Intersil Corporation DG445 Datasheet HTML 7Page - Intersil Corporation DG445 Datasheet HTML 8Page - Intersil Corporation DG445 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN3586.10
June 4, 2007
Functional Diagrams
Schematic Diagram (One Channel)
TRUTH TABLE
LOGIC
VIN
DG444
DG445
0
≤0.8V
ON
OFF
1
≥2.4V
OFF
ON
S1
D1
S2
D2
S3
D3
S4
D4
IN1
DG444
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
IN1
DG445
SWITCHES SHOWN FOR LOGIC “1” INPUT
IN2
IN3
IN4
Pin Descriptions
PIN
SYMBOL
DESCRIPTION
1IN1
Logic Control for Switch 1
2D1
Drain (Output) Terminal for Switch 1
3S1
Source (Input) Terminal for Switch 1
4
V-
Negative Power Supply Terminal
5
GND
Ground Terminal (Logic Common)
6S4
Source (Input) Terminal for Switch 4
7D4
Drain (Output) Terminal for Switch 4
8IN4
Logic Control for Switch 4
9IN3
Logic Control for Switch 3
10
D3
Drain (Output) Terminal for Switch 3
11
S3
Source (Input) Terminal for Switch 3
12
VL
Logic Reference Voltage
13
V+
Positive Power Supply Terminal (Substrate)
14
S2
Source (Input) Terminal for Switch 2
15
D2
Drain (Output) Terminal for Switch 2
16
IN2
Logic Control for Switch 2
S
D
V+
INX
GND
V-
V-
V+
VL
DG444, DG445


Similar Part No. - DG445

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG445 INTERSIL-DG445 Datasheet
103Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG445 INTERSIL-DG445 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG445 VISHAY-DG445 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Intersil Corporation
DG445 INTERSIL-DG445 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG445 VISHAY-DG445 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
More results

Similar Description - DG445

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com