Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF21545SV Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DSF21545SV
Description  Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF21545SV Datasheet(HTML) 1 Page - Dynex Semiconductor

  DSF21545SV Datasheet HTML 1Page - Dynex Semiconductor DSF21545SV Datasheet HTML 2Page - Dynex Semiconductor DSF21545SV Datasheet HTML 3Page - Dynex Semiconductor DSF21545SV Datasheet HTML 4Page - Dynex Semiconductor DSF21545SV Datasheet HTML 5Page - Dynex Semiconductor DSF21545SV Datasheet HTML 6Page - Dynex Semiconductor DSF21545SV Datasheet HTML 7Page - Dynex Semiconductor DSF21545SV Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DSF21545SV
1/8
APPLICATIONS
s The DSF21545SV is a purpose designed freewheel
diode to complement the DG858BW GTO in inverter
circuits, using energy recovery snubbers.
FEATURES
s The DSF21545SV is designed for fast turn-on thus
minimising reverse current through the GTO.
s Low recovered charge for low losses.
s DSF21545SV is housed in a similar outline to that of the
DG858BW therefore offering complete mechanical
compatibility for parallel and series clamping.
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
4500V
I
F(AV)
3230A
I
FSM
20000A
Q
r
1800
µC
t
rr
7.0
µs
4500
DSF21545SV45
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: V.
See Package Details for further information.
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 65
oC
3230
A
T
case = 65
oC
5080
A
T
case = 65
oC
4680
A
Half wave resistive load, T
case = 65
oC
2070
A
T
case = 65
oC
3255
A
T
case = 65
oC
2875
A
DSF21545SV
Fast Recovery Diode
Replaces March 1998 version, DS4153-3.1
DS4153-4.0 January 2000


Similar Part No. - DSF21545SV

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DSF21545SV DYNEX-DSF21545SV Datasheet
99Kb / 7P
   Fast Recovery Diode
DSF21545SV DYNEX-DSF21545SV Datasheet
151Kb / 8P
   Fast Recovery Diode
DSF21545SV45 DYNEX-DSF21545SV45 Datasheet
99Kb / 7P
   Fast Recovery Diode
DSF21545SV DYNEX-DSF21545SV_04 Datasheet
99Kb / 7P
   Fast Recovery Diode
DSF21545SV DYNEX-DSF21545SV_14 Datasheet
151Kb / 8P
   Fast Recovery Diode
More results

Similar Description - DSF21545SV

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com