Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD669A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD669A
Description  NPN Type Plastic Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD669A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2SD669A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD669A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD669A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
10-Jul-2007 Rev. B
Page 3 of 3
2S
D669/2SD669A
NPN Type
Plastic Encapsulate Transistors
1.2
1.0
0.8
0.6
0.4
0
0.2
1
3
30
300
10
100
1,000
Base to Emitter Saturation Voltage
vs. Collector Current
Collector current IC (mA)
IC = 10 IB
75
25
TC = –25
°C
240
200
160
120
80
40
0
10
300
1,000
100
30
Collector current IC (mA)
Gain Bandwidth Product
vs. Collector Current
VCE = 5 V
Ta = 25
°C
200
100
50
20
10
5
2
110
50
20
5
2
Collector to base voltage VCB (V)
100
Collector Output Capacitance
vs. Collector to Base Voltage
f = 1 MHz
IE = 0
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual


Similar Part No. - 2SD669A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD669A HITACHI-2SD669A Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SD669A ISC-2SD669A Datasheet
299Kb / 2P
   isc Silicon NPN Power Transistor
logo
Weitron Technology
2SD669A WEITRON-2SD669A Datasheet
245Kb / 5P
   NPN Epitaxial Planar Transistors
logo
List of Unclassifed Man...
2SD669A ETC2-2SD669A Datasheet
64Kb / 1P
   NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SD669A SAVANTIC-2SD669A Datasheet
276Kb / 5P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD669A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1815K SECOS-2SC1815K Datasheet
166Kb / 3P
   NPN Type Plastic Encapsulate Transistors
2SC2120 SECOS-2SC2120 Datasheet
282Kb / 2P
   NPN Type Plastic Encapsulate Transistors
2SC1815 SECOS-2SC1815 Datasheet
188Kb / 2P
   NPN Type Plastic Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com