Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS501ST06 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DS501ST06
Description  Rectifier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS501ST06 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DS501ST06 Datasheet HTML 1Page - Dynex Semiconductor DS501ST06 Datasheet HTML 2Page - Dynex Semiconductor DS501ST06 Datasheet HTML 3Page - Dynex Semiconductor DS501ST06 Datasheet HTML 4Page - Dynex Semiconductor DS501ST06 Datasheet HTML 5Page - Dynex Semiconductor DS501ST06 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/5
DS501ST
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
Ø37.5 max
Holes Ø3.6 x 2.0 deep
(One in each electrode)
Anode
Cathode
Ø19 nom
Ø42 max
Ø19 nom
Nominal weight: 55g
Clamping force: 4.5kN ±10%
Package outine type code: T
Note:
1. Package maybe supplied with pins and/or tags.


Similar Part No. - DS501ST06

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
logo
SICK AG
DS50-N1112 SICK-DS50-N1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DS50-N1122 SICK-DS50-N1122 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DS50-P1122 SICK-DS50-P1122 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS501ST06

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com