Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF38A-40S-03V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DF38A-40S-03V
Description  0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DF38A-40S-03V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DF38A-40S-03V Datasheet HTML 1Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 2Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 3Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 4Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 5Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 6Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 7Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 8Page - List of Unclassifed Manufacturers DF38A-40S-03V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
DF38 Seriesq0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
sRecommended Fine Coaxial Cable Preparation
C±0.1
P=0.3±0.07
Laminated tape
B±0.15
Inner conductor
(Pre-soldering
required) (Note 1)
0.2 MAX (Insulator)
Ø0.3 MAX (Jacket)
0.46 MAX
Outer shield
(NO protrusion)
(Ground bar)
sPlug - separate metal cover required
A±0.15
P=0.3±0.1
Contact No.1
B±0.15
All dimensions: mm
Number of Contacts
A
B
C
CL No.
Part Number
662-4515-8-**
662-4027-4-**
662-4502-6-**
DF38B-30P-0.3SD(**)
DF38-32P-0.3SD(**)
DF38-40P-0.3SD(**)
30
32
40
14.0
14.6
17.0
8.7
9.3
11.7
9.55
10.15
12.55
Note 1: Tray packaging (100 pieces/tray).
Order by quantity of trays.
Note 2: The metal cover is required for fine coaxial cable termination.
Note 1: Contact Hirose for Termination Procedures.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF38A-40S-03V

ManufacturerPart #DatasheetDescription
logo
GREATECS
DF3 GREATECS-DF3 Datasheet
153Kb / 1P
   Horizontal SMT Detector Switches with Side Stem
logo
Hirose Electric
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 DF3-*S-2R26(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com