Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA54 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # EA54
Description  Cascadable Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

EA54 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  EA54 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. EA54 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Amplifier
10 to 250 MHz
Rev. V2
EA54
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves at +25°C
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
WEIGHT: 1 gram (0.04 oz.) max
Outline Drawing: TO-5
*


Similar Part No. - EA54

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EA54 MACOM-EA54 Datasheet
189Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
EA54 MA-COM-EA54 Datasheet
126Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
EA54-2 MACOM-EA54-2 Datasheet
185Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
   Cascadable Amplifier
More results

Similar Description - EA54

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com