Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEV106M035A9DAA Datasheet(PDF) 5 Page - Kemet Corporation

Part # EEV106M035A9DAA
Description  Surface Mount Aluminum Electrolytic Capacitors EEV Series, 105쨘C
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EEV106M035A9DAA Datasheet(HTML) 5 Page - Kemet Corporation

  EEV106M035A9DAA Datasheet HTML 1Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 2Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 3Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 4Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 5Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 6Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 7Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 8Page - Kemet Corporation EEV106M035A9DAA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4002_EEV • 2/21/2014
Surface Mount Aluminum Electrolytic Capacitors – EEV Series, +105ºC
Table 1 – Ratings & Part Number Reference
VDC VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C (µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)
RC
100 kHz
105°C (mA)
Z
100 kHz
20°C (Ω)
Part Number
6.3
8
22
4 x 5.4
26
90
1.93
EEV226M6R3A9BAA
6.3
8
33
4 x 5.4
26
90
1.93
EEV336M6R3A9BAA
6.3
8
47
4 x 5.4
26
90
1.93
EEV476M6R3A9BAA
6.3
8
47
5 x 5.4
26
160
1.00
EEV476M6R3A9DAA
6.3
8
100
5 x 5.4
26
160
1.00
EEV107M6R3A9DAA
6.3
8
100
6.3 x 5.4
26
240
0.52
EEV107M6R3A9GAA
6.3
8
150
6.3 x 7.7
26
240
0.30
EEV157M6R3A9HAA
6.3
8
220
6.3 x 7.7
26
240
0.30
EEV227M6R3A9HAA
6.3
8
330
6.3 x 7.7
26
280
0.34
EEV337M6R3A9HAA
6.3
8
330
8 x 6.2
26
300
0.26
EEV337M6R3A9LAA
6.3
8
470
8 x 10.2
26
600
0.16
EEV477M6R3A9MAA
6.3
8
680
8 x 10.2
26
600
0.16
EEV687M6R3A9MAA
6.3
8
1000
8 x 10.2
26
600
0.16
EEV108M6R3A9MAA
6.3
8
1500
10 x 10.2
26
850
0.08
EEV158M6R3A9PAA
10
13
22
4 x 5.4
19
90
1.93
EEV226M010A9BAA
10
13
33
4 x 5.4
19
90
1.93
EEV336M010A9BAA
10
13
33
5 x 5.4
19
160
1.00
EEV336M010A9DAA
10
13
47
6.3 x 5.4
19
190
0.52
EEV476M010A9GAA
10
13
100
6.3 x 5.4
19
190
0.52
EEV107M010A9GAA
10
13
150
6.3 x 7.7
19
240
0.34
EEV157M010A9HAA
10
13
220
6.3 x 7.7
19
280
0.34
EEV227M010A9HAA
10
13
220
8 x 6.2
19
300
0.26
EEV227M010A9LAA
10
13
330
8 x 10.2
19
600
0.16
EEV337M010A9MAA
10
13
470
8 x 10.2
19
600
0.16
EEV477M010A9MAA
10
13
470
10 x 10.2
19
600
0.12
EEV477M010A9PAA
10
13
1000
10 x 10.2
19
850
0.08
EEV108M010A9PAA
16
20
22
4 x 5.4
16
90
1.93
EEV226M016A9BAA
16
20
22
5 x 5.4
16
160
1.00
EEV226M016A9DAA
16
20
33
5 x 5.4
16
160
1.00
EEV336M016A9DAA
16
20
47
5 x 5.4
16
160
1.00
EEV476M016A9DAA
16
20
47
6.3 x 5.4
16
240
0.52
EEV476M016A9GAA
16
20
100
6.3 x 5.4
16
240
0.52
EEV107M016A9GAA
16
20
150
6.3 x 7.7
16
280
0.34
EEV157M016A9HAA
16
20
340
6.3 x 7.7
16
280
0.22
EEV227M016A9HAA
16
20
340
8 x 6.2
16
280
0.22
EEV227M016A9LAA
16
20
220
8 x 10.2
16
370
0.22
EEV227M016A9MAA
16
20
330
8 x 10.2
16
600
0.16
EEV337M016A9MAA
16
20
470
8 x 10.2
16
600
0.16
EEV477M016A9MAA
16
20
470
10 x 10.2
16
850
0.08
EEV687M016A9PAA
25
32
10
4 x 5.4
14
90
1.93
EEV106M025A9BAA
25
32
22
5 x 5.4
14
160
1.00
EEV226M025A9DAA
25
32
33
5 x 5.4
14
160
1.00
EEV336M025A9DAA
25
32
33
6.3 x 5.4
14
240
0.52
EEV336M025A9GAA
25
32
47
6.3 x 5.4
14
240
0.52
EEV476M025A9GAA
25
32
68
6.3 x 5.4
14
240
0.52
EEV686M025A9GAA
25
32
100
6.3 x 7.7
14
280
0.34
EEV107M025A9HAA
25
32
150
8 x 10.2
14
600
0.16
EEV157M025A9MAA
25
32
220
8 x 10.2
14
600
0.16
EEV227M025A9MAA
25
32
330
10 x 10.2
14
600
0.16
EEV337M025A9PAA
25
32
470
10 x 10.2
14
850
0.08
EEV477M025A9PAA
35
44
3.3
4 x 5.4
12
90
1.93
EEV335M035A9BAA
35
44
10
4 x 5.4
12
90
1.93
EEV106M035A9BAA
35
44
10
5 x 5.4
12
160
1.00
EEV106M035A9DAA
35
44
22
5 x 5.4
12
160
1.00
EEV226M035A9DAA
35
44
33
6.3 x 5.4
12
240
0.52
EEV336M035A9GAA
35
44
47
6.3 x 5.4
12
240
0.52
EEV476M035A9GAA
35
44
68
6.3 x 7.7
12
280
0.34
EEV686M035A9HAA
35
44
100
6.3 x 7.7
12
280
0.34
EEV107M035A9HAA
35
44
100
8 x 10.2
12
600
0.16
EEV107M035A9MAA
35
44
150
8 x 10.2
12
600
0.16
EEV157M035A9MAA
35
44
220
8 x 10.2
12
600
0.16
EEV227M035A9PAA
35
44
330
10 x 10.2
12
850
0.08
EEV337M035A9PAA
VDC
VDC Surge
Rated Capacitance
Case Size
DF
RC
Z
Part Number


Similar Part No. - EEV106M035A9DAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EEV107M035S9HAA KEMET-EEV107M035S9HAA Datasheet
268Kb / 1P
   EEV, Aluminum Electrolytic, 100 uF, 20%, 35 VDC, -55/105°C
10/20/2022
EEV107M063A9PAA KEMET-EEV107M063A9PAA Datasheet
267Kb / 1P
   EEV, Aluminum Electrolytic, 100 uF, 20%, 63 VDC, -55/105°C
10/20/2022
More results

Similar Description - EEV106M035A9DAA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com