Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMG251E470MK25S Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # EKMG251E470MK25S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

EKMG251E470MK25S Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  EKMG251E470MK25S Datasheet HTML 1Page - Nippon Precision Circuits Inc EKMG251E470MK25S Datasheet HTML 2Page - Nippon Precision Circuits Inc EKMG251E470MK25S Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Standard, Downsized, 105
KMG
Series
◆STANDARD RATINGS
is not solvent resistant.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tan
δ
Rated ripple
current
(mArms/
105℃,120Hz)
Part No.
450
3.3
10
×16
0.24
31
EKMG451E□□3R3MJ16S
4.7
10
×20
0.24
40
EKMG451E□□4R7MJ20S
10
12.5
×20
0.24
65
EKMG451E□□100MK20S
22
16
×25
0.24
115
EKMG451E□□220ML25S
33
16
×31.5
0.24
155
EKMG451E□□330MLN3S
47
16
×35.5
0.24
185
EKMG451E□□470MLP1S
2.2
10
×12.5
0.24
23
EKMG451E□□2R2MJC5S
□□ : Enter the appropriate lead forming or taping code.
◆RATED RIPPLE CURRENT MULTIPLIERS
50
0.65
0.75
0.80
0.85
120
1.00
1.00
1.00
1.00
300
1.35
1.25
1.15
1.03
1k
1.75
1.50
1.30
1.05
10k
2.30
1.75
1.40
1.08
100k
2.50
1.80
1.50
1.08
Capacitance (µF)
Frequency (Hz)
1.0 to 4.7
10 to 47
100 to 1,000
2,200 to
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
131
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMG251E470MK25S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EKMG251E470MK25S NICHICON-EKMG251E470MK25S Datasheet
419Kb / 3P
   Endurance with ripple current 1,000 to 2,000 hours at 105
More results

Similar Description - EKMG251E470MK25S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com