Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1109SG47 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DS1109SG47
Description  Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS1109SG47 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DS1109SG47 Datasheet HTML 1Page - Dynex Semiconductor DS1109SG47 Datasheet HTML 2Page - Dynex Semiconductor DS1109SG47 Datasheet HTML 3Page - Dynex Semiconductor DS1109SG47 Datasheet HTML 4Page - Dynex Semiconductor DS1109SG47 Datasheet HTML 5Page - Dynex Semiconductor DS1109SG47 Datasheet HTML 6Page - Dynex Semiconductor DS1109SG47 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
www.dynexsemi.com
DS1109SG
CHARACTERISTICS
Forward voltage
Peak reverse current
Parameter
µC
2600
At T
vj = 150˚C
-
Q
S
Total stored charge
Symbol
V
FM
I
RM
I
rr
Reverse recovery current
V
TO
Threshold voltage
r
T
Slope resistance
0.687
m
At T
vj = 150˚C
-
0.88
V
-80
A
-
At V
RRM, Tcase = 150
oC-
50
mA
-
1.8
V
At 1800A peak, T
case = 25
oC
Conditions
Min.
Max.
Units
I
F = 1000A, dIRR/dt = 3A/µs
T
case = 150˚C, VR = 100V
CURVES
Fig.2 Maximum (limit) forward characteristics
Fig.3 Dissipation curves
V
FM
Equation:-
V
FM
= A + Bln (I
F
) + C.I
F
+D.
√I
F
Where
A = 0.788646
B = –0.0045
C = 0.000592
D = 0.006984
these values are valid for T
j
= 125˚C for I
F
500A to 2500A
0.5
1.0
1.5
2.0
Instantaneous forward voltage, VF - (V)
0
500
1000
1500
2000
2500
Measured under pulse
conditions
Tj = 25˚C
Tj = 150˚C
2.5
0
500
1000
1500
2000
Mean forward current, IF(AV) - (A)
0
500
1000
1500
2000
2500
dc
Half wave
3 phase
6 phase


Similar Part No. - DS1109SG47

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
DS1109SG TRSYS-DS1109SG Datasheet
355Kb / 6P
   RECTIFIER DIODE
More results

Similar Description - DS1109SG47

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com