Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-270-20-3X-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-270-20-3X-TR
Description  The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-270-20-3X-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-270-20-3X-TR Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSM-3X
Quartz Crystal
The CSM-3X is the miniature low profile resistance weld type
SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX
SMD) by 50%.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-3X
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
Standard
@ +25°C ±3°C
at +25°C
Standard -10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (First Year)
Frequency Tolerance
Frequency Stability ref @+25°C
Shunt Capacitance
Load Capacitance (CL)
Drive Level
6.000
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
6.000 ~ 11.999
12.000 ~ 15.999
16.000 ~ 29.999
30.000 ~ 40.000
40.000
± 30
± 50
7
Series
100
-10
-40
+70
+85
±5
Fundamental
Fundamental
Fundamental
Fundamental
200
60
50
40
PACKAGE DIMENSIONS (mm)
Figure 1) Top, Side, Bottom and Land
Pattern
CSM-3X
CSM-7X
Actual Size
* Consult Factory for available stability
options over extended temp range.
Figure 2) Size Comparison
PART NUMBERING GUIDE: Example ECS-200-20-3X-TR
Custom Options
Cost effective
Low profile
Pb Free/RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
Stability
Temp Range
-
Packaging
3X = CSM-3X
-TR
Tape & Reel
3K/Reel
A= ±25 ppm
J= ±20 ppm
R= ±15 ppm
C= ±10 ppm
D= ±100 ppm
E= ±50 ppm
G= ±30 ppm
H= ±25 ppm
T= ±20 ppm
W= ±15 ppm
*K= ±10 ppm
L= -10 ~ +70°C
M= -20 ~ +70°C
N= -40 ~ +85°C
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - ECS-270-20-3X-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-271.2-10-37QZ-AES-TR ECS-ECS-271.2-10-37QZ-AES-TR Datasheet
411Kb / 2P
   SMD CRYSTAL
Rev.2022
More results

Similar Description - ECS-270-20-3X-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-130-20-3X-TR ECS-ECS-130-20-3X-TR Datasheet
164Kb / 1P
   The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
ECS-250-20-3X-TR ECS-ECS-250-20-3X-TR Datasheet
164Kb / 1P
   The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
   The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
CSM-7X-3L ECS-CSM-7X-3L_17 Datasheet
542Kb / 2P
   The CSM-7X-3L is a low profile SMD Crystal with 3rd lead
CSM-7X ECS-CSM-7X_17 Datasheet
596Kb / 2P
   The CSM-7X is an excellent choice for a low cost SMD Crystal.
CSM-9 ECS-CSM-9_17 Datasheet
571Kb / 2P
   The CSM-9 is a compact SMD Crystal
CSM-8A ECS-CSM-8A Datasheet
599Kb / 2P
   The CSM-8A Series is a very cost effective, low profile SMD quartz crystal.
CSM-8M ECS-CSM-8M_17 Datasheet
549Kb / 2P
   The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
CSM-12 ECS-CSM-12_17 Datasheet
604Kb / 2P
   The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint
CSM-8Q ECS-CSM-8Q_17 Datasheet
552Kb / 2P
   The CSM-8Q is a compact SMD Crystal with a 7.0 x 5.0 mm footprint
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com