Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI97406 Datasheet(PDF) 4 Page - International Rectifier

Part # SI97406
Description  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SI97406 Datasheet(HTML) 4 Page - International Rectifier

  SI97406 Datasheet HTML 1Page - International Rectifier SI97406 Datasheet HTML 2Page - International Rectifier SI97406 Datasheet HTML 3Page - International Rectifier SI97406 Datasheet HTML 4Page - International Rectifier SI97406 Datasheet HTML 5Page - International Rectifier SI97406 Datasheet HTML 6Page - International Rectifier SI97406 Datasheet HTML 7Page - International Rectifier SI97406 Datasheet HTML 8Page - International Rectifier SI97406 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF7406
4
www.irf.com
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms
Fig 7. Typical Source-Drain Diode
ForwardVoltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-SourceVoltage
Fig 6. Typical Gate Charge Vs.
Gate-to-SourceVoltage
0
500
1000
1500
2000
2500
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Crss
Coss
0
4
8
12
16
20
020
40
60
G
A
FOR TEST CIRCUIT
SEE FIGURE 12
Q , Total Gate Charge (nC)
I
= -2.8A
V
= -24V
D
DS
0.1
1
10
100
0.3
0.6
0.9
1.2
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)


Similar Part No. - SI97406

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
SI9706DY VISHAY-SI9706DY Datasheet
234Kb / 6P
   PC Card (PCMCIA) Interface Switch
01-Jan-2022
SI9706DY-T1 VISHAY-SI9706DY-T1 Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
SI9706DY-T1-E3 VISHAY-SI9706DY-T1-E3 Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
SI9706DY VISHAY-SI9706DY_V01 Datasheet
234Kb / 6P
   PC Card (PCMCIA) Interface Switch
01-Jan-2022
More results

Similar Description - SI97406

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com