Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1H122MZ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECQP1H122MZ
Description  Polypropylene Film Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H122MZ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECQP1H122MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H122MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H122MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H122MZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H122MZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H122MZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 100VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Only ± 5 % (J) is available from 0.0001 to 0.00043 µF,Only ± 2 % (G),± 5 % (J) is available from 0.00047 to 0.00091µF
Part No.
ECQP1101JZ( )
ECQP1111JZ( )
ECQP1121JZ( )
ECQP1131JZ( )
ECQP1151JZ( )
ECQP1161JZ( )
ECQP1181JZ( )
ECQP1201JZ( )
ECQP1221JZ( )
ECQP1241JZ( )
ECQP1271JZ( )
ECQP1301JZ( )
ECQP1331JZ( )
ECQP1361JZ( )
ECQP1391JZ( )
ECQP1431JZ( )
ECQP1471MZ( )
ECQP1511MZ( )
ECQP1561MZ( )
ECQP1621MZ( )
ECQP1681MZ( )
ECQP1751MZ( )
ECQP1821MZ( )
ECQP1911MZ( )
ECQP1102MZ( )
ECQP1112MZ( )
ECQP1122MZ( )
ECQP1132MZ( )
ECQP1152MZ( )
ECQP1162MZ( )
ECQP1182MZ( )
ECQP1202MZ( )
ECQP1222MZ( )
ECQP1242MZ( )
ECQP1272MZ( )
ECQP1302MZ( )
ECQP1332MZ( )
ECQP1362MZ( )
ECQP1392MZ( )
ECQP1432MZ( )
ECQP1472MZ( )
ECQP1512MZ( )
ECQP1562MZ( )
ECQP1622MZ( )
ECQP1682MZ( )
0.0001
10.0
5.0
13.0
5.0
0.60
0.00011
10.0
5.0
13.0
5.0
0.60
0.00012
10.0
5.0
13.0
5.0
0.60
0.00013
10.0
5.0
13.0
5.0
0.60
0.00015
10.0
5.0
13.0
5.0
0.60
0.00016
10.0
5.0
13.0
5.0
0.60
0.00018
10.0
5.0
13.0
5.0
0.60
0.0002
10.0
5.0
13.0
5.0
0.60
0.00022
10.0
5.0
13.0
5.0
0.60
0.00024
10.0
5.0
13.0
5.0
0.60
0.00027
10.0
5.0
13.0
5.0
0.60
0.0003
10.0
5.0
13.0
5.0
0.60
0.00033
10.0
5.0
13.0
5.0
0.60
0.00036
10.0
5.0
13.0
5.0
0.60
0.00039
10.0
5.0
13.0
5.0
0.60
0.00043
10.0
5.0
13.0
5.0
0.60
0.00047
10.0
5.0
13.0
5.0
0.60
0.00051
10.0
5.0
13.0
5.0
0.60
0.00056
10.0
5.0
13.0
5.0
0.60
0.00062
10.0
5.0
13.0
5.0
0.60
0.00068
10.0
5.0
13.0
5.0
0.60
0.00075
10.0
5.0
13.0
5.0
0.60
0.00082
10.0
5.0
13.0
5.0
0.60
0.00091
10.0
5.0
13.0
5.0
0.60
0.001
10.0
5.0
13.0
5.0
0.60
0.0011
10.0
5.0
13.0
5.0
0.60
0.0012
10.0
5.0
13.0
5.0
0.60
0.0013
10.0
5.0
13.0
5.0
0.60
0.0015
10.0
5.0
13.0
5.0
0.60
0.0016
10.0
5.0
13.0
5.0
0.60
0.0018
10.0
5.0
13.0
5.0
0.60
0.002
10.0
5.0
13.0
5.0
0.60
0.0022
10.0
5.0
13.0
5.0
0.60
0.0024
10.0
5.0
13.0
5.0
0.60
0.0027
10.0
5.0
13.0
5.0
0.60
0.003
10.0
5.0
13.0
5.0
0.60
0.0033
10.0
5.0
13.0
5.0
0.60
0.0036
10.0
5.0
13.0
5.0
0.60
0.0039
10.0
5.0
13.0
5.0
0.60
0.0043
10.0
5.0
13.0
5.0
0.60
0.0047
10.0
5.0
13.0
5.0
0.60
0.0051
10.0
5.0
13.0
5.0
0.60
0.0056
10.0
5.0
13.0
5.0
0.60
0.0062
10.0
5.5
13.0
5.0
0.60
0.0068
10.0
5.5
13.0
5.0
0.60
Cap.
(µF)
Quantity
Ammo
1000
Dimensions (mm)
L max.
T max.
H max.
S
ød
StyleN:0.0001 to 0.0068 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H122MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H122MZ PANASONIC-ECQP1H122MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECQP1H122MZ PANASONIC-ECQP1H122MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H122MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com