Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1H911MZ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQP1H911MZ
Description  Polypropylene Film Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H911MZ Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECQP1H911MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H911MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H911MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H911MZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H911MZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H911MZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1000
500
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 100VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Part No.
Cap.
(µF)
Quantity
Ammo
300
Dimensions (mm)
L max.
T max.
H max.
S
ød
ECQP1752MZ( )
ECQP1822MZ( )
ECQP1912MZ( )
ECQP1103MZ( )
ECQP1113MZ( )
ECQP1123MZ( )
ECQP1133MZ( )
ECQP1153MZ( )
ECQP1163MZ( )
ECQP1183MZ( )
ECQP1203MZ( )
ECQP1223MZ( )
ECQP1243MZ( )
ECQP1273MZ( )
ECQP1303MZ( )
ECQP1333MZ( )
ECQP1363MZ( )
ECQP1393MZ( )
ECQP1433MZ( )
ECQP1473MZ( )
ECQP1513MZ( )
ECQP1563MZ( )
ECQP1623MZ( )
ECQP1683MZ( )
ECQP1753MZ( )
ECQP1823MZ( )
ECQP1913MZ( )
ECQP1104MZ( )
ECQP1114MZ( )
ECQP1124MZ( )
ECQP1134MZ( )
ECQP1154MZ( )
ECQP1164MZ( )
ECQP1184MZ( )
ECQP1204MZ( )
ECQP1224MZ( )
ECQP1244MZ( )
ECQP1274MZ( )
ECQP1304MZ( )
ECQP1334MZ( )
ECQP1364MZ( )
ECQP1394MZ( )
ECQP1434MZ( )
ECQP1474MZ( )
0.0075
13.0
5.5
14.0
5.0
0.60
0.0082
13.0
5.5
14.0
5.0
0.60
0.0091
13.0
5.0
13.0
5.0
0.60
0.01
13.0
5.0
13.5
5.0
0.60
0.011
13.0
5.0
13.5
5.0
0.60
0.012
13.0
5.0
13.5
5.0
0.60
0.013
13.0
5.0
13.5
5.0
0.60
0.015
13.0
5.5
14.0
5.0
0.60
0.016
13.0
5.5
14.0
5.0
0.60
0.018
13.0
6.0
15.0
5.0
0.60
0.02
16.0
5.5
15.0
5.0
0.60
0.022
16.0
5.5
15.0
5.0
0.60
0.024
16.0
5.5
15.0
5.0
0.60
0.027
16.0
6.0
15.0
5.0
0.60
0.03
16.0
6.0
15.5
5.0
0.60
0.033
16.0
6.5
15.5
5.0
0.60
0.036
16.0
6.5
15.5
5.0
0.60
0.039
16.0
7.0
16.0
5.0
0.60
0.043
16.0
7.5
16.0
5.0
0.60
0.047
16.0
7.5
16.5
5.0
0.60
0.051
18.0
6.5
17.0
7.5
0.60
0.056
18.0
6.5
17.0
7.5
0.60
0.062
18.0
7.0
17.5
7.5
0.60
0.068
18.0
7.0
17.5
7.5
0.60
0.075
18.0
7.0
18.0
7.5
0.60
0.082
18.0
7.0
18.5
7.5
0.60
0.091
18.0
7.5
18.5
7.5
0.60
0.1
18.5
7.5
19.0
7.5
0.60
0.11
18.5
7.5
19.0
10.0
0.60
0.12
18.5
8.5
19.5
10.0
0.60
0.13
18.5
9.0
20.0
10.0
0.60
0.15
18.5
9.5
20.5
10.0
0.60
0.16
18.5
9.5
20.5
12.5
0.60
0.18
19.0
10.0
21.0
12.5
0.60
0.20
19.0
10.5
21.5
12.5
0.60
0.22
19.0
11.0
22.0
12.5
0.60
0.24
25.0
9.0
21.5
12.5
0.80
0.27
25.0
9.5
22.0
12.5
0.80
0.30
25.0
10.0
22.5
12.5
0.80
0.33
25.0
10.0
23.0
12.5
0.80
0.36
25.0
10.5
23.5
12.5
0.80
0.39
25.0
11.0
24.0
12.5
0.80
0.43
25.0
11.5
24.5
12.5
0.80
0.47
25.0
12.0
25.0
12.5
0.80
StyleT: 0.0075 to 0.15, 0.24 to 0.47 µF
StyleN:0.16 to 0.22 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H911MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H911MZ PANASONIC-ECQP1H911MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECQP1H911MZ PANASONIC-ECQP1H911MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H911MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com