Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

860-RF751.0M-B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 860-RF751.0M-B
Description  LTE, RF-Rx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

860-RF751.0M-B Datasheet(HTML) 1 Page - Oscilent Corporation

  860-RF751.0M-B_14 Datasheet HTML 1Page - Oscilent Corporation 860-RF751.0M-B_14 Datasheet HTML 2Page - Oscilent Corporation 860-RF751.0M-B_14 Datasheet HTML 3Page - Oscilent Corporation 860-RF751.0M-B_14 Datasheet HTML 4Page - Oscilent Corporation 860-RF751.0M-B_14 Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2010
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
860-RF751.0M-B
LTE, RF-Rx SAW Filter
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Performance
o
VSWR
o
Smith Chart
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 860-RF751.0M-B_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
860-RF836.5M-F OSCILENT-860-RF836.5M-F Datasheet
189Kb / 3P
   CDMA, RF-Tx SAW Filter
More results

Similar Description - 860-RF751.0M-B_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
808-RF751.5M-A OSCILENT-808-RF751.5M-A Datasheet
188Kb / 5P
   LTE, RX-RF SAW Filter
logo
Transko Electronics, In...
TA751AM TRANSKO-TA751AM Datasheet
322Kb / 4P
   LTE, RX RF SAW Filter
Revision 0: February 2011
TA464GM1 TRANSKO-TA464GM1 Datasheet
485Kb / 4P
   LTE 450, Balanced RF-Rx SAW Filter
Revision 0: June 2012
TF-0465Q3-C55 TRANSKO-TF-0465Q3-C55 Datasheet
508Kb / 4P
   LTE 450, Balanced RF-Rx SAW Filter
Revision 0: October 2013
TF-0465Q4-C55 TRANSKO-TF-0465Q4-C55 Datasheet
524Kb / 4P
   LTE 450, Balanced RF-Rx SAW Filter
Revision 0: October 2013
TF-174501-S20 TRANSKO-TF-174501-S20 Datasheet
478Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
TA737AM TRANSKO-TA737AM Datasheet
373Kb / 4P
   LTE, RF SAW Filter
Revision 3: July 2015
TA1845AM TRANSKO-TA1845AM Datasheet
392Kb / 4P
   LTE, RF SAW Filter
Revision 0: December 2011
TA806BM TRANSKO-TA806BM Datasheet
376Kb / 4P
   LTE, RF SAW Filter
Revision 1: November 2012
TF-184001-S20 TRANSKO-TF-184001-S20 Datasheet
470Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com