Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-RF491.2M-A Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 803-RF491.2M-A
Description  CDMA 450 F-Band, RF/Rx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

803-RF491.2M-A Datasheet(HTML) 3 Page - Oscilent Corporation

  803-RF491.2M-A_14 Datasheet HTML 1Page - Oscilent Corporation 803-RF491.2M-A_14 Datasheet HTML 2Page - Oscilent Corporation 803-RF491.2M-A_14 Datasheet HTML 3Page - Oscilent Corporation 803-RF491.2M-A_14 Datasheet HTML 4Page - Oscilent Corporation 803-RF491.2M-A_14 Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oscilent Part Number
803-RF491.2M-A
January 2010 Rev A
CDMA 450 F-Band, RF/Rx SAW Filter
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
-
+80
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
0
Maximum Input Power
dBm
-
-
27
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: No Matching Network
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
491.2
-
Insertion Loss in 489.0 ~493.5 MHz
dB
-
2.5
3.5
Attenuation:
0.3 ~ 479.0 MHz
dB
40
50
-
479.0 ~ 483.5 MHz
dB
35
49
-
515.0 ~ 800.0 MHz
dB
40
49
-
800.0 ~ 1200 MHz
dB
30
42
-
1200 ~ 2000 MHz
dB
20
35
-
VSWR in 489.0 ~ 493.5 MHz
-
-
1.5
2.0


Similar Part No. - 803-RF491.2M-A_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF491.2M-A OSCILENT-803-RF491.2M-A Datasheet
528Kb / 3P
   CDMA450(F-Band), RF-Rx SAW Filter
More results

Similar Description - 803-RF491.2M-A_14

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA491CP TRANSKO-TA491CP Datasheet
358Kb / 4P
   CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0: June 2008
logo
Oscilent Corporation
802-RF491.2M-A OSCILENT-802-RF491.2M-A_14 Datasheet
131Kb / 5P
   CDMA 450 F-Band, RF/Rx SAW Filter
logo
Transko Electronics, In...
TA491AM TRANSKO-TA491AM Datasheet
450Kb / 4P
   CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0: November 2006
TA491AP TRANSKO-TA491AP Datasheet
305Kb / 4P
   CDMA 450 F-Band, RF-Rx SAW Filter
Revision 0:
logo
Oscilent Corporation
803-RF491.5M-C OSCILENT-803-RF491.5M-C Datasheet
193Kb / 5P
   CDMA 450 F-Band, RF/Rx SAW Filter
logo
Transko Electronics, In...
TA491BM1 TRANSKO-TA491BM1 Datasheet
438Kb / 4P
   CDMA 450 F-Band, Balanced RF-Rx SAW Filter
Revision 0: December 2005
logo
Oscilent Corporation
862-RF491.2M-B OSCILENT-862-RF491.2M-B_14 Datasheet
140Kb / 5P
   CDMA 450 F-Band, Balanced RF/Rx SAW Filter
803-RF463.5M-A OSCILENT-803-RF463.5M-A_14 Datasheet
125Kb / 5P
   CDMA 450 H-Band, RF-Rx SAW Filter
803-RF462.5M-B OSCILENT-803-RF462.5M-B_14 Datasheet
140Kb / 5P
   CDMA 450 C-Band, RF-Rx SAW Filter
803-RF467.6M-A OSCILENT-803-RF467.6M-A_14 Datasheet
130Kb / 5P
   CDMA 450 G-Band, RF/Rx SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com