Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1H151JZ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECQP1H151JZ
Description  Polypropylene Film Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H151JZ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQP1H151JZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H151JZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H151JZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H151JZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H151JZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H151JZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1000
500
400
300
0.0075
12.0
5.0
14.0
5.0
0.60
0.0082
12.0
5.5
14.0
5.0
0.60
0.0091
12.0
5.0
13.5
5.0
0.60
0.01
12.0
5.0
13.5
5.0
0.60
0.011
12.0
5.0
14.0
5.0
0.60
0.012
12.0
5.5
14.0
5.0
0.60
0.013
12.0
5.0
14.0
5.0
0.60
0.015
12.0
5.0
14.0
5.0
0.60
0.016
12.0
5.5
14.0
5.0
0.60
0.018
12.0
5.5
14.5
5.0
0.60
0.02
12.0
5.5
14.5
5.0
0.60
0.022
12.0
5.5
15.5
5.0
0.60
0.024
12.0
6.0
15.5
5.0
0.60
0.027
12.0
6.0
16.0
5.0
0.60
0.03
12.0
6.5
16.0
5.0
0.60
0.033
12.0
6.5
16.5
5.0
0.60
0.036
14.5
5.5
17.0
5.0
0.60
0.039
14.5
5.5
17.0
5.0
0.60
0.043
14.5
6.0
17.0
5.0
0.60
0.047
14.5
6.0
17.5
5.0
0.60
0.051
14.5
6.5
18.5
5.0
0.60
0.056
14.5
6.5
18.5
5.0
0.60
0.062
14.5
7.0
19.0
5.0
0.60
0.068
14.5
7.0
19.0
5.0
0.60
0.075
17.0
6.5
18.5
7.5
0.60
0.082
17.0
7.0
19.0
7.5
0.60
0.091
17.0
7.0
19.0
7.5
0.60
0.1
17.0
7.5
19.5
7.5
0.60
0.11
17.0
8.0
20.5
7.5
0.60
0.12
17.0
8.5
20.5
7.5
0.60
0.13
17.0
8.5
21.0
7.5
0.60
0.15
20.0
8.0
20.5
10.0
0.60
0.16
20.0
8.5
20.5
10.0
0.60
0.18
20.0
9.0
21.0
10.0
0.60
0.20
20.0
9.5
21.5
10.0
0.60
0.22
20.0
9.5
22.0
10.0
0.60
0.24
20.0
10.0
22.5
10.0
0.60
0.27
20.0
10.5
23.0
10.0
0.60
0.30
22.5
9.5
24.0
12.5
0.80
0.33
22.5
10.0
24.5
12.5
0.80
0.36
22.5
10.5
25.0
12.5
0.80
0.39
22.5
11.0
25.0
12.5
0.80
0.43
22.5
11.5
25.5
12.5
0.80
0.47
22.5
12.0
26.0
12.5
0.80
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 50VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Part No.
Cap.
(µF)
Quantity
Ammo
Dimensions (mm)
L max.
T max.
H max.
S
ød
ECQP1H752 MZ( )
ECQP1H822 MZ( )
ECQP1H912 MZ( )
ECQP1H103 MZ( )
ECQP1H113 MZ( )
ECQP1H123 MZ( )
ECQP1H133 MZ( )
ECQP1H153 MZ( )
ECQP1H163 MZ( )
ECQP1H183 MZ( )
ECQP1H203 MZ( )
ECQP1H223 MZ( )
ECQP1H243 MZ( )
ECQP1H273 MZ( )
ECQP1H303 MZ( )
ECQP1H333 MZ( )
ECQP1H363 MZ( )
ECQP1H393 MZ( )
ECQP1H433 MZ( )
ECQP1H473 MZ( )
ECQP1H513 MZ( )
ECQP1H563 MZ( )
ECQP1H623 MZ( )
ECQP1H683 MZ( )
ECQP1H753 MZ( )
ECQP1H823 MZ( )
ECQP1H913 MZ( )
ECQP1H104 MZ( )
ECQP1H114 MZ( )
ECQP1H124 MZ( )
ECQP1H134 MZ( )
ECQP1H154 MZ( )
ECQP1H164 MZ( )
ECQP1H184 MZ( )
ECQP1H204 MZ( )
ECQP1H224 MZ( )
ECQP1H244 MZ( )
ECQP1H274 MZ( )
ECQP1H304 MZ( )
ECQP1H334 MZ( )
ECQP1H364 MZ( )
ECQP1H394 MZ( )
ECQP1H434 MZ( )
ECQP1H474 MZ( )
StyleT:0.0075 to 0.47 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H151JZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H151JZ PANASONIC-ECQP1H151JZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
logo
Panasonic Battery Group
ECQP1H151JZAD PANASONICBATTERY-ECQP1H151JZAD Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H151JZC PANASONICBATTERY-ECQP1H151JZC Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H151JZE PANASONICBATTERY-ECQP1H151JZE Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
ECQP1H151JZW PANASONICBATTERY-ECQP1H151JZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
More results

Similar Description - ECQP1H151JZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com