Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFAC245D03V Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RHFAC245D03V
Description  STANDARD MICROCIRCUIT DRAWING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RHFAC245D03V Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RHFAC245D03V Datasheet HTML 4Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 5Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 6Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 7Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 8Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 9Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 10Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 11Page - List of Unclassifed Manufacturers RHFAC245D03V Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87758
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
H
SHEET
8
DSCC FORM 2234
APR 97
TABLE IA. Electrical performance characteristics - Continued.
Test and
MIL-STD-883
test method 1/
Symbol
Test conditions 2/ 3/
-55
°C ≤ T
C ≤ +125°C
+3.0 V
≤ V
CC ≤ +5.5 V
unless otherwise specified
Device
type
and
device
class
VCC
Group A
subgroups
Limits 4/
Unit
Min
Max
Functional tests
3014
9/
VIN = VIH or VIL
Verify output VOUT
See 4.4.1b
All
All
3.0 V
7, 8
L
H
5.5 V
7, 8
L
H
Propagation delay
time, An to Bn
or Bn to An
3003
tPHL
10/
CL = 50 pF minimum
RL = 500Ω
See figure 5
01
All
3.0 V
9
1.0
8.5
ns
10, 11
1.0
10.0
4.5 V
9
1.0
6.0
10, 11
1.0
7.5
02
All
3.0 V
9
1.0
9.5
10, 11
1.0
11.0
4.5 V
9
1.0
7.5
10, 11
1.0
8.5
tPLH
10/
All
All
3.0 V
9
1.0
8.5
10, 11
1.0
11.5
4.5 V
9
1.0
6.5
10, 11
1.0
8.5
Propagation delay
time, output
disable, OE to
An or Bn
3003
tPHZ
10/
CL = 50 pF minimum
RL = 500Ω
See figure 5
All
All
3.0 V
9
1.0
12.0
ns
10, 11
1.0
13.5
4.5 V
9
1.0
9.0
10, 11
1.0
10.5
tPLZ
10/
All
All
3.0 V
9
1.0
11.5
10, 11
1.0
14.0
4.5 V
9
1.0
9.0
10, 11
1.0
10.5
Propagation delay
time, output
enable, OE to
An or Bn
3003
tPZH
10/
CL = 50 pF minimum
RL = 500Ω
See figure 5
All
All
3.0 V
9
1.0
11.5
ns
10, 11
1.0
13.5
4.5 V
9
1.0
8.5
10, 11
1.0
10.0
tPZL
10/
All
All
3.0 V
9
1.0
12.0
10, 11
1.0
14.5
4.5 V
9
1.0
9.0
10, 11
1.0
10.5
1/
For tests not listed in the referenced MIL-STD-883, [e.g. VIH, VIL], utilize the general test procedure under the conditions
listed herein.
2/
Each input/output, as applicable, shall be tested at the specified temperature, for the specified limits, to the tests in table IA
herein. Output terminals not designated shall be high level logic, low level logic, or open, except for all ICC tests, the output
terminal shall be open. When performing these tests, the current meter shall be placed in the circuit such that all current
flows through the meter.


Similar Part No. - RHFAC245D03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RHFAC244D03V ETC2-RHFAC244D03V Datasheet
351Kb / 27P
   DLA LAND AND MARITIME COLUMBUS, OHIO 43218-3990
More results

Similar Description - RHFAC245D03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
AD7243ANZ ETC2-AD7243ANZ Datasheet
82Kb / 12P
   STANDARD MICROCIRCUIT DRAWING
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com