Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQB1H562MF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQB1H562MF
Description  Polyester Film Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQB1H562MF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQB1H562MF Datasheet HTML 1Page - Panasonic Semiconductor ECQB1H562MF Datasheet HTML 2Page - Panasonic Semiconductor ECQB1H562MF Datasheet HTML 3Page - Panasonic Semiconductor ECQB1H562MF Datasheet HTML 4Page - Panasonic Semiconductor ECQB1H562MF Datasheet HTML 5Page - Panasonic Semiconductor ECQB1H562MF Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
0.00010
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00012
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00015
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00018
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00022
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00027
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00033
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00039
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00047
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00056
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00068
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00082
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0010
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0012
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0015
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0018
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0022
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0027
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0033
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0039
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0047
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0056
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0068
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0082
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.010
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.012
7.3
3.3
6.3
11.3
5.00
5.0
0.50
0.015
7.5
3.0
6.0
11.0
5.00
5.0
0.50
0.018
7.5
3.0
6.0
11.0
5.00
5.0
0.50
0.022
7.5
3.0
6.0
11.0
5.00
5.0
0.50
0.027
7.5
3.5
6.5
11.5
5.00
5.0
0.50
0.033
7.5
3.5
6.5
11.5
5.00
5.0
0.50
0.039
7.5
4.0
7.0
12.0
5.00
5.0
0.50
0.047
7.5
4.0
7.0
12.0
5.00
5.0
0.50
0.056
8.0
4.3
7.5
12.5
5.00
5.0
0.50
0.068
8.0
4.3
8.5
13.5
5.00
5.0
0.50
0.082
8.0
4.5
8.5
13.5
5.00
5.0
0.50
0.10
8.0
5.0
10.0
15.0
5.00
5.0
0.50
0.12
11.0
5.0
9.5
14.5
7.50
5.0
0.60
0.15
11.0
5.0
10.0
15.0
7.50
5.0
0.60
0.18
11.0
5.5
10.5
15.5
7.50
5.0
0.60
0.22
11.0
6.0
11.5
16.5
7.50
5.0
0.60
0.27
13.0
6.0
12.0
17.0
10.00
5.0
0.60
0.33
13.0
6.5
13.0
18.0
10.00
5.0
0.60
0.39
13.0
7.0
14.0
19.0
10.00
5.0
0.60
0.47
13.0
7.5
14.5
19.5
10.00
5.0
0.60
Quantity
ECQB1H101KF( )
ECQB1H121KF( )
ECQB1H151KF( )
ECQB1H181KF( )
ECQB1H221KF( )
ECQB1H271KF( )
ECQB1H331KF( )
ECQB1H391KF( )
ECQB1H471 MF( )
ECQB1H561 MF( )
ECQB1H681 MF( )
ECQB1H821 MF( )
ECQB1H102 MF( )
ECQB1H122 MF( )
ECQB1H152 MF( )
ECQB1H182 MF( )
ECQB1H222 MF( )
ECQB1H272 MF( )
ECQB1H332 MF( )
ECQB1H392 MF( )
ECQB1H472 MF( )
ECQB1H562 MF( )
ECQB1H682 MF( )
ECQB1H822 MF( )
ECQB1H103 MF( )
ECQB1H123 MF( )
ECQB1H153 MF( )
ECQB1H183 MF( )
ECQB1H223 MF( )
ECQB1H273 MF( )
ECQB1H333 MF( )
ECQB1H393 MF( )
ECQB1H473 MF( )
ECQB1H563 MF( )
ECQB1H683 MF( )
ECQB1H823 MF( )
ECQB1H104 MF( )
ECQB1H124 MF( )
ECQB1H154 MF( )
ECQB1H184 MF( )
ECQB1H224 MF( )
ECQB1H274 MF( )
ECQB1H334 MF( )
ECQB1H394 MF( )
ECQB1H474 MF( )
Part No.
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Type 1 Type 2
F
Type 1
S
Type 2
ød
Ammo
Reel
2000
1000
2000
1000
IRating, Dimensions & Quantity/Ammo Box & Reel
G Type ECQB(F), Rated voltage:50 VDC, Capacitance tolerance: ±5 %(J), ±10 %(K)
Only ±10 %(K)is available from 0.00010 µF to 0.00039 µF
Suffix for lead crimped or taped type
Cap. tol. code
Style N: 0.00010 µF to 0.10 µF
Style T : 0.12 µF to 0.47 µF
Mar. 2006


Similar Part No. - ECQB1H562MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQB1H562MF PANASONIC-ECQB1H562MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H562MF PANASONIC-ECQB1H562MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H562MF PANASONIC-ECQB1H562MF Datasheet
133Kb / 6P
   Polyester Film Capacitor
More results

Similar Description - ECQB1H562MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-B1H102JF3 PANASONIC-ECQ-B1H102JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H474JF PANASONIC-ECQ-B1H474JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-M2222KZ PANASONIC-ECQ-M2222KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
ECQ-M2102KZ PANASONIC-ECQ-M2102KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
logo
Suntan Capacitors
TS02 SUNTAN-TS02 Datasheet
225Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR
logo
Vishay Siliconix
MKT1826 VISHAY-MKT1826 Datasheet
89Kb / 3P
   Metallized Polyester Film Capacitor
Revision 11-Jun-02
logo
Panasonic Semiconductor
ECQ-E2105KB PANASONIC-ECQ-E2105KB Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com