Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQB1H272MF Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQB1H272MF
Description  Polyester Film Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQB1H272MF Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECQB1H272MF Datasheet HTML 1Page - Panasonic Semiconductor ECQB1H272MF Datasheet HTML 2Page - Panasonic Semiconductor ECQB1H272MF Datasheet HTML 3Page - Panasonic Semiconductor ECQB1H272MF Datasheet HTML 4Page - Panasonic Semiconductor ECQB1H272MF Datasheet HTML 5Page - Panasonic Semiconductor ECQB1H272MF Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box & Reel
GType ECQB(F), Rated voltage: 200 VDC, Capacitance tolerance: ±5 %(J), ±10 %(K)
Suffix for lead crimped or taped type
Cap. tol. code
Part No.
0.0010
8.5
4.0
7.0
12.0
5.00
5.0
0.50
0.0012
8.5
4.0
7.5
12.5
5.00
5.0
0.50
0.0015
8.5
4.0
7.5
12.5
5.00
5.0
0.50
0.0018
8.5
4.5
7.5
12.5
5.00
5.0
0.50
0.0022
8.5
4.5
7.5
12.5
5.00
5.0
0.50
0.0027
8.5
4.5
8.0
13.0
5.00
5.0
0.50
0.0033
11.0
4.5
7.5
12.5
7.50
5.0
0.60
0.0039
11.0
4.5
7.5
12.5
7.50
5.0
0.60
0.0047
11.0
4.5
8.5
13.5
7.50
5.0
0.60
0.0056
11.0
4.5
8.5
13.5
7.50
5.0
0.60
0.0068
11.0
4.5
9.0
14.0
7.50
5.0
0.60
0.0082
11.0
4.5
9.0
14.0
7.50
5.0
0.60
0.010
11.0
4.5
10.0
15.0
7.50
5.0
0.60
0.012
11.0
5.0
10.5
15.5
7.50
5.0
0.60
0.015
11.0
5.5
10.5
15.5
7.50
5.0
0.60
0.018
11.0
5.5
10.0
15.0
7.50
5.0
0.60
0.022
11.0
6.0
10.5
15.5
7.50
5.0
0.60
0.027
11.0
6.5
11.5
16.5
7.50
5.0
0.60
0.033
11.0
7.0
12.0
17.0
7.50
5.0
0.60
0.039
13.5
5.0
12.5
17.5
10.00
7.5
0.60
0.047
13.5
5.5
13.0
18.0
10.00
7.5
0.60
0.056
13.5
6.0
13.5
18.5
10.00
7.5
0.60
0.068
16.0
5.5
13.0
18.0
12.50
10.0
0.60
0.082
16.0
6.0
13.5
18.5
12.50
10.0
0.60
0.10
16.0
7.0
14.5
19.5
12.50
10.0
0.60
0.12
19.0
6.5
16.0
21.0
15.00
12.5
0.60
0.15
19.0
7.5
17.0
22.0
15.00
12.5
0.60
0.18
19.0
8.0
17.5
22.5
15.00
12.5
0.60
0.22
19.0
9.0
18.5
23.5
15.00
12.5
0.60
0.27
24.0
8.0
17.5
22.5
20.00
15.0
0.80
0.33
24.0
9.0
18.5
23.5
20.00
15.0
0.80
0.39
24.0
10.0
19.5
24.5
20.00
15.0
0.80
0.47
24.0
11.5
20.5
25.5
20.00
15.0
0.80
Cap.
(µF)
Dimensions (mm)
Quantity
Lmax.
Tmax.
Hmax.
Type 1
Type 2
F
Type 1
S
Type 2
ød
Ammo
1000
500
800
500
400
Style N: 0.0010 µF to 0.0027 µF
Style T: 0.0033 µF to 0.47 µF
ECQB2102MF( )
ECQB2122MF( )
ECQB2152MF( )
ECQB2182MF( )
ECQB2222MF( )
ECQB2272MF( )
ECQB2332MF( )
ECQB2392MF( )
ECQB2472MF( )
ECQB2562MF( )
ECQB2682MF( )
ECQB2822MF( )
ECQB2103MF( )
ECQB2123MF( )
ECQB2153MF( )
ECQB2183MF( )
ECQB2223MF( )
ECQB2273MF( )
ECQB2333MF( )
ECQB2393MF( )
ECQB2473MF( )
ECQB2563MF( )
ECQB2683MF( )
ECQB2823MF( )
ECQB2104MF( )
ECQB2124MF( )
ECQB2154MF( )
ECQB2184MF( )
ECQB2224MF( )
ECQB2274MF( )
ECQB2334MF( )
ECQB2394MF( )
ECQB2474MF( )
Mar. 2006


Similar Part No. - ECQB1H272MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQB1H272MF PANASONIC-ECQB1H272MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H272MF PANASONIC-ECQB1H272MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H272MF PANASONIC-ECQB1H272MF Datasheet
133Kb / 6P
   Polyester Film Capacitor
More results

Similar Description - ECQB1H272MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-B1H102JF3 PANASONIC-ECQ-B1H102JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-B1H474JF PANASONIC-ECQ-B1H474JF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQ-M2222KZ PANASONIC-ECQ-M2222KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
ECQ-M2102KZ PANASONIC-ECQ-M2102KZ Datasheet
61Kb / 4P
   Polyester Film Capacitor
logo
Suntan Capacitors
TS02 SUNTAN-TS02 Datasheet
225Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR
logo
Vishay Siliconix
MKT1826 VISHAY-MKT1826 Datasheet
89Kb / 3P
   Metallized Polyester Film Capacitor
Revision 11-Jun-02
logo
Panasonic Semiconductor
ECQ-E2105KB PANASONIC-ECQ-E2105KB Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com