Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R114373020 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R114373020
Description  RIGHT ANGLE BULKEAD JACK CRIMP TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R114373020 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R114373020 Datasheet HTML 1Page - List of Unclassifed Manufacturers R114373020 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
1 / 2
RIGHT ANGLE BULKEAD JACK CRIMP TYPE
R114.373.020
REAR MOUNT - CABLE 2.6/50 S
Series : SMB
Issue : 1119
C
In the effort to improve our products, we reserve the right to make changes judged to be
necessary.
All dimensions are in mm.
.
.
pn
ao
COMPONENTS
BODY
CENTER CONTACT
OUTER CONTACT
INSULATOR
GASKET
OTHERS PARTS
-
-
MATERIALS
BRASS
BRASS
-
PTFE
-
BRASS
-
-
PLATINGS (
µm)
NICKEL 2
GOLD 1.3 OVER NICKEL 2
-
NICKEL 2
-
-


Similar Part No. - R114373020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R114003133 ETC2-R114003133 Datasheet
181Kb / 3P
   STRAIGHT PLUG CLAMP TYPE
logo
RICOH electronics devic...
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
R1140Q151B RICOH-R1140Q151B Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
R1140Q151B-TL RICOH-R1140Q151B-TL Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
R1140Q151B-TR RICOH-R1140Q151B-TR Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
More results

Similar Description - R114373020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R124172123 ETC2-R124172123 Datasheet
53Kb / 2P
   RIGHT ANGLE PLUG CRIMP TYPE
logo
Adam Technologies, Inc.
RF3-03-T-02-50-G ADAM-TECH-RF3-03-T-02-50-G Datasheet
54Kb / 1P
   SMB RIGHT ANGLE CRIMP TYPE
logo
List of Unclassifed Man...
R223182000 ETC2-R223182000 Datasheet
178Kb / 3P
   RIGHT ANGLE PLUG CRIMP TYPE
R113306000 ETC2-R113306000 Datasheet
100Kb / 2P
   STRAIGHT BULKHEAD JACK CRIMP TYPE
logo
Rosenberger Hochfrequen...
99K20D-1D5A5-Y ROSENBERGER-99K20D-1D5A5-Y Datasheet
752Kb / 3P
   RIGHT ANGLE JACK
88K203-302L5 ROSENBERGER-88K203-302L5 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
88K203-3V2L5 ROSENBERGER-88K203-3V2L5 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
E4K24A-1AKX5-Y ROSENBERGER-E4K24A-1AKX5-Y Datasheet
144Kb / 3P
   RIGHT ANGLE JACK
D4K20E-1D5A5-Y ROSENBERGER-D4K20E-1D5A5-Y Datasheet
769Kb / 3P
   RIGHT ANGLE JACK
D4K2UE-1D5A5-Y ROSENBERGER-D4K2UE-1D5A5-Y Datasheet
772Kb / 3P
   RIGHT ANGLE JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com