Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-074L Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-074L
Description  Single-channel and Dual-channel High Speed 15 MBd
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-074L Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-074L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACPL-071L and ACPL-074L
Single-channel and Dual-channel High Speed 15 MBd
CMOS optocoupler with Glitch-Free Power-Up Feature
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
Features
• +3.3V and +5 V CMOS compatibility
• 30 ns max. pulse width distortion
• 40ns max. propagation delay (for 3.3V supply voltage)
• 30 ns max. propagation delay skew
• High speed: 15 MBd min
• 10 kV/µs minimum common mode rejection
• –40 to 105°C temperature range
• Glitch-Free Power-Up Feature
• Safety and regulatory approvals:
- UL recognized:
3750 V rms for 1 min. per UL 1577
- CSA component acceptance Notice #5
- IEC/EN/DIN EN 60747-5-5
TRUTH TABLE
LED
VO, OUTPUT
OFF
H
ON
L
A 0.1uF bypass capacitor must be connected between pins 5 and 8.
NC
ANODE
CATHODE
NC 4
3
2
1
VDD
Vo1
ANODE1
CATHODE1
Vo2
GND
CATHODE2
ANODE2
ACPL-071L
ACPL-074L
SHIELD
5
6
7
8
4
3
2
1
SHIELD
VDD
NC
Vo
GND
5
6
7
8
Description
The ACPL-071L (single-channel) and ACPL-074L (dual-
channel) are 15 MBd CMOS optocouplers in SOIC-8 pack-
age. The optocouplers utilize the latest CMOS IC technol-
ogy to achieve outstanding performance with very low
power consumption. Basic building blocks of ACPL-071L
and ACPL-074L are high speed LEDs and CMOS detector
ICs. Each detector incorporates an integrated photodiode,
a high speed transimpedance amplifier, and a voltage
comparator with an output driver.
Applications
• Digital field bus isolation:
• CANBus, RS485, USB
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface
• DC/DC converter
Functional Diagram


Similar Part No. - ACPL-074L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-074L AVAGO-ACPL-074L Datasheet
540Kb / 12P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-074L BOARDCOM-ACPL-074L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
More results

Similar Description - ACPL-074L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W70L-000E AVAGO-ACPL-W70L-000E Datasheet
357Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
ACPL-071L AVAGO-ACPL-071L Datasheet
540Kb / 12P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com