Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41696005X-3 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 41696005X-3
Description  PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41696005X-3 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 41696005X-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
Composite 2
S-Video
SD Component
The corresponding input port name display on OSD menu will disappear once
setting “OFF”.
De-interlacing Mode*
4
AFM
: Auto Film Mode
TNR
: Temporal Noise Reduction
MADI
: Motion Adaptive De-interlacing
LADI
: Low Angled De-interlacing
[See Appendix VI for AFM, TNR, MADI, LADI function description]
Auto Power :
OFF / ON
ON – Enable soft power off function if absence of input signals
OFF – Disable soft power function
Video Standard (SD)* : Auto / NTSC / NTSC 4.43 / PAL / PAL M / SECAM
Image Orientation : Normal / Horizontal flip / Vertical flip / Rotate
Gamma : 1.0 / 1.6 / 1.7 / 1.8 / 1.9 / 2.0 / 2.1/ 2.2 / 2.3 / 2.4 / 2.5 / 2.6 / User Setting
OSD
4
OSD position :
H POS
: Move the OSD menu image horizontally
V POS
: Move the OSD menu image vertically
OSD Timeout (sec) : ON – 60 : Adjust the OSD menu timeout period in a step of 5
seconds (max 60 seconds)
ON = Continuous to display OSD menu.
60 = 60 seconds later will turn off the OSD menu.
Language : English / Chinese
: Select OSD menu language display
Display Input :
ON / OFF : Display input port name when source switching
Transparency :
ON / OFF : Set OSD transparency
Freeze : Freeze the image (use “+” button)
Zoom
4
Zoom level :
: Enable the zoom in function on the image displayed.
Use “+” button to zoom in the image
Use “-“ button to decrease the zoomed image
Horizontal pan :
: Pan the image horizontally
Vertical pan :
: Pan the image vertically
Reset to Defaults : Restore to default values
Note : Freeze state will be cleared when you using zoom function.
Color Temperature
4
5000K
R Gain :
G Gain :
B Gain :
Reset to Defaults : Resume to the default values
6500K
R Gain :
G Gain :
B Gain :
Reset to Defaults : Resume to the default values
8000K
R Gain :
G Gain :
B Gain :
Reset to Defaults : Resume to the default values
9300K
R Gain :
G Gain :
B Gain :
Reset to Defaults : Resume to the default values
User setting :
R Gain :


Similar Part No. - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
More results

Similar Description - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
41696014X-3 ETC2-41696014X-3 Datasheet
636Kb / 50P
   HARSH ENVIRONMENT PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
   PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41713002X-3 ETC2-41713002X-3 Datasheet
137Kb / 18P
   DVI-D INTERFACE CONTROLLER FOR 2560x1600 resolution TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
logo
Schneider Electric
HMIYINDVIRGB11 SCHNEIDER-HMIYINDVIRGB11 Datasheet
118Kb / 1P
   Additional DVI interface for Box PC
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com