Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE30A Datasheet(PDF) 8 Page - Socay Electornics Co., Ltd.

Part # P4KE30A
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P4KE30A Datasheet(HTML) 8 Page - Socay Electornics Co., Ltd.

Back Button P4KE30A Datasheet HTML 4Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 5Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 6Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 7Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 8Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 9Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 10Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 11Page - Socay Electornics Co., Ltd. P4KE30A Datasheet HTML 12Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
www.socay.com
8
Surface Mount Transient Voltage Suppressors (TVS)
SMBJ Series
5.0 To 440 V
600W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMBJ45
SMBJ45C
MU
CU
45.0
50.00
61.10
1
80.3
7.47
5
SMBJ45A
SMBJ45CA
MV
CV
45.0
50.00
55.30
1
72.7
8.25
5
SMBJ48
SMBJ48C
MW
CW
48.0
53.30
65.10
1
85.5
7.02
5
SMBJ48A
SMBJ48CA
MX
CX
48.0
53.30
58.90
1
77.4
7.75
5
SMBJ51
SMBJ51C
MY
CY
51.0
56.70
69.30
1
91.1
6.59
5
SMBJ51A
SMBJ51CA
MZ
CZ
51.0
56.70
62.70
1
82.4
7.28
5
SMBJ54
SMBJ54C
ND
DD
54.0
60.00
73.30
1
96.3
6.23
5
SMBJ54A
SMBJ54CA
NE
DE
54.0
60.00
66.30
1
87.1
6.89
5
SMBJ58
SMBJ58C
NF
DF
58.0
64.40
78.70
1
103.0
5.83
5
SMBJ58A
SMBJ58CA
NG
DG
58.0
64.40
71.20
1
93.6
6.41
5
SMBJ60
SMBJ60C
NH
DH
60.0
66.70
81.50
1
107.0
5.61
5
SMBJ60A
SMBJ60CA
NK
DK
60.0
66.70
73.70
1
96.8
6.20
5
SMBJ64
SMBJ64C
NL
DL
64.0
71.10
86.90
1
114.0
5.26
5
SMBJ64A
SMBJ64CA
NM
DM
64.0
71.10
78.60
1
103.0
5.83
5
SMBJ70
SMBJ70C
NN
DN
70.0
77.80
95.10
1
125.0
4.80
5
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.80
86.00
1
113.0
5.31
5
SMBJ75
SMBJ75C
NQ
DQ
75.0
83.30
102.00
1
134.0
4.48
5
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.30
92.10
1
121.0
4.96
5
SMBJ78
SMBJ78C
NS
DS
78.0
86.70
106.00
1
139.0
4.32
5
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.70
95.80
1
126.0
4.76
5
SMBJ80
SMBJ80C
NA
DA
80.0
88.96
108.80
1
143.2
4.19
5
SMBJ80A
SMBJ80CA
NB
DB
80.0
88.80
97.60
1
129.6
4.63
5
SMBJ85
SMBJ85C
NU
DU
85.0
94.40
115.00
1
151.0
3.97
5
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.40
104.00
1
137.0
4.38
5
SMBJ90
SMBJ90C
NW
DW
90.0
100.00
122.00
1
160.0
3.75
5
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.00
111.00
1
146.0
4.11
5
SMBJ100
SMBJ100C
NY
DY
100.0
111.00
136.00
1
179.0
3.35
5
SMBJ100A
SMBJ100CA
NZ
DZ
100.0
111.00
123.00
1
162.0
3.70
5
SMBJ110
SMBJ110C
PD
ED
110.0
122.00
149.00
1
196.0
3.06
5
SMBJ110A
SMBJ110CA
PE
EE
110.0
122.00
135.00
1
177.0
3.39
5
SMBJ120
SMBJ120C
PF
EF
120.0
133.00
163.00
1
214.0
2.80
5
SMBJ120A
SMBJ120CA
PG
EG
120.0
133.00
147.00
1
193.0
3.11
5
SMBJ130
SMBJ130C
PH
EH
130.0
144.00
176.00
1
231.0
2.60
5
SMBJ130A
SMBJ130CA
PK
EK
130.0
144.00
159.00
1
209.0
2.87
5
SMBJ140
SMBJ140C
PA
EA
140.0
155.68
190.40
1
250.6
2.39
5
SMBJ140A
SMBJ140CA
PB
EB
140.0
155.00
171.00
1
226.8
2.65
5
SMBJ150
SMBJ150C
PL
EL
150.0
167.00
204.00
1
268.0
2.24
5
SMBJ150A
SMBJ150CA
PM
EM
150.0
167.00
185.00
1
243.0
2.47
5
SMBJ160
SMBJ160C
PN
EN
160.0
178.00
218.00
1
287.0
2.09
5
SMBJ160A
SMBJ160CA
PP
EP
160.0
178.00
197.00
1
259.0
2.32
5
SMBJ170
SMBJ170C
PQ
EQ
170.0
189.00
231.00
1
304.0
1.97
5
SMBJ170A
SMBJ170CA
PR
ER
170.0
189.00
209.00
1
275.0
2.18
5
SMBJ180
SMBJ180C
PS
ES
180.0
201.00
244.80
1
322.2
1.86
5
SMBJ180A
SMBJ180CA
PT
ET
180.0
201.00
220.00
1
291.6
2.06
5
SMBJ190
SMBJ190C
PU
EU
190.0
211.21
258.40
1
340.1
1.76
5
SMBJ190A
SMBJ190CA
PV
EV
190.0
211.00
232.00
1
307.8
1.95
5
SMBJ200A
SMBJ200CA
PW
EW
200.0
224.00
247.00
1
324.0
1.85
5
SMBJ220A
SMBJ220CA
PX
EX
220.0
246.00
272.00
1
356.0
1.69
5
SMBJ250A
SMBJ250CA
PZ
EZ
250.0
279.00
309.00
1
405.0
1.48
5
SMBJ300A
SMBJ300CA
QE
FE
300.0
335.00
371.00
1
486.0
1.23
5
SMBJ350A
SMBJ350CA
QG
FG
350.0
391.00
432.00
1
567.0
1.06
5
SMBJ400A
SMBJ400CA
QK
FK
400.0
447.00
494.00
1
648.0
0.93
5
SMBJ440A
SMBJ440CA
QM
FM
440.0
492.00
543.00
1
713.0
0.84
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - P4KE30A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE30A SY-P4KE30A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE30A UNSEMI-P4KE30A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
P4KE30A PANJIT-P4KE30A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE30A ZOWIE-P4KE30A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P4KE30A YEASHIN-P4KE30A Datasheet
983Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE30A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com