Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64240C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 64240C
Description  GENERAL SPECIFICATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

64240C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  64240C Datasheet HTML 1Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 2Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 3Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 4Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 5Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 6Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 7Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 8Page - List of Unclassifed Manufacturers 64240C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Displaytech Ltd LCD MODULE 64240C SERIES
Version : 1.1
P 3 of 22
 ELECTRO-OPTICAL CHARACTERISTICS
NO
Item
Symbol
Measuring
Condition
STD.Value
Unit
Remark
°C
Min
Typ
Max
1
Recommended
Operating
Voltage
VLCD
 = 0
Φ= 0
25
10.5
11.0
11.5
V
Note1
Note2
2
Operating
Voltage
Vth
 = 0
Φ= 0
0
---
---
---
25
---
1.869
---
50
---
---
---
Vsat
 = 0
Φ= 0
0
---
---
---
25
---
2.516
---
50
---
---
---
3
Response time
Tr
 = 0
Φ= 10
0
---
---
---
ms
Note4
25
---
75
---
50
---
---
---
Tf
 = 0
Φ= 10
0
---
---
---
25
---
136
---
50
---
---
---
4
Viewing
Angle (Cr 2)
Φ=0°
25
---
40
---
Deg
Note1
Φ=180°
25
---
35
---
Φ=90°
25
---
30
---
Φ=270°
25
---
30
---
5
Current
Consumption
ILCD
Hz=64
25
---
18
---
uA
Note3
NOTE 1: DEFINITION OF VIEWING ANGLE AND DIRECTION
NOTE 2: THERSHOLD VOLTAGE AND SATURATION VOLTAGE
Vth: The voltage Vop which the transmission rate of segment is 90%(positive) or 10%(negative) of saturated value on conditions
of the selected waveform.(non-selected waveform is opposition)
Vsat: The voltage Vop which the transmission rate of segment is 10%(positive) or 10%(negative) of saturated value on
conditions of the selected waveform.(non-selected waveform is opposition)
Detector
3H Φ =90
°
Φ
6H Φ =0
°
Z
 =0
°
9H Φ =270
°
12H Φ =180
°


Similar Part No. - 64240C

ManufacturerPart #DatasheetDescription
logo
ebm-papst
6424 EBMPAPST-6424 Datasheet
269Kb / 4P
   DC axial compact fan
6424 EBMPAPST-6424 Datasheet
122Kb / 1P
   DC axial fans
logo
Schurter Inc.
6424.0051.10 SCHURTER-6424.0051.10 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
6424.0051.10 SCHURTER-6424.0051.10 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
6424.0051.12 SCHURTER-6424.0051.12 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
More results

Similar Description - 64240C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
128240D ETC2-128240D Datasheet
1Mb / 22P
   GENERAL SPECIFICATION
571-SERIES ETC-571-SERIES Datasheet
151Kb / 1P
   GENERAL SPECIFICATION
19
64128LX ETC2-64128LX Datasheet
1Mb / 22P
   GENERAL SPECIFICATION
64128M ETC2-64128M Datasheet
1Mb / 22P
   GENERAL SPECIFICATION
64128N ETC2-64128N Datasheet
1Mb / 20P
   GENERAL SPECIFICATION
64128MX ETC2-64128MX Datasheet
1Mb / 22P
   GENERAL SPECIFICATION
64128KX ETC2-64128KX Datasheet
1Mb / 22P
   GENERAL SPECIFICATION
64128L ETC2-64128L Datasheet
1Mb / 22P
   GENERAL SPECIFICATION
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
   General Release Specification
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
   General Release Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com