Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFG10S200 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SFG10S200
Description  10.0 Amp Super Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFG10S200 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SFG10S200 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFG10S200 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFG10S200~SFG10S600
Voltage 200V ~ 600V
10.0 Amp Super Fast Recovery Rectifier
Elektronische Bauelemente
11-Jun-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVE


Similar Part No. - SFG10S200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG10S200F SECOS-SFG10S200F Datasheet
465Kb / 4P
   Voltage 200V ~ 600V 8.0 Amp Super Fast Recovery Rectifier
More results

Similar Description - SFG10S200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF10TD40F SECOS-SF10TD40F Datasheet
209Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SF10TD40 SECOS-SF10TD40 Datasheet
217Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SF10ED20F SECOS-SF10ED20F Datasheet
205Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SFG10ED200D SECOS-SFG10ED200D_15 Datasheet
804Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SF10TD60 SECOS-SF10TD60 Datasheet
210Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SF10TD60F SECOS-SF10TD60F Datasheet
205Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SFG10ED200D SECOS-SFG10ED200D Datasheet
804Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
logo
Goodwork Semiconductor ...
SFF101 GWSEMI-SFF101 Datasheet
75Kb / 2P
   10.0 AMP SUPER FAST RECTIFIERS
SFF101CT GWSEMI-SFF101CT Datasheet
76Kb / 2P
   10.0 AMP SUPER FAST RECTIFIERS
SF101 GWSEMI-SF101 Datasheet
75Kb / 2P
   10.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com