Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOU235VH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QOU235VH
Description  QOU Miniature Circuit Breakers and Switches Unit Mount (Cable-in/Cable-out)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOU235VH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QOU235VH Datasheet HTML 1Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 2Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 3Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 4Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 5Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 6Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 7Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 8Page - List of Unclassifed Manufacturers QOU235VH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
QOU Miniature Circuit Breakers and Switches
Application Information
3
09/2005
© 2005 Schneider Electric All Rights Reserved
Tripping Mechanisms
A tripping mechanism is an assembly within the circuit breaker molded case that causes the circuit
breaker to open automatically under sustained overload or short circuit conditions.
The tripping mechanisms in two- and three-pole circuit breakers operate such that an overcurrent on
any pole of the circuit breaker will cause all poles of the circuit breaker to open simultaneously.
Thermal and magnetic factory calibration (with current) is performed on each pole of every Square D
circuit breaker.
These mechanisms operate to trip the circuit breaker:
Thermal trip
Magnetic trip
Optional shunt trip accessory (see Accessories, page 12)
The sensing system is an integral part of a thermal-magnetic circuit breaker. The sensing system
continually monitors current flowing through the circuit breaker. It detects abnormal current conditions
and, depending on the magnitude of the current, initiates an inverse-time or an instantaneous tripping
response. This action causes the tripping mechanism to open the circuit breaker contacts and interrupt
current flow. The speed of the tripping process must be controllable and inversely matched to the
severity of the overcurrent. QOU miniature circuit breakers have an over-center toggle mechanism for
quick-make, quick-break action with positive handle indication. The handle assumes a position
between ON (I) and OFF (O) when the circuit breaker has tripped.
Table 1:
Selection Data
Catalog Number
Rating
One-Pole
Two-Pole
Three-Pole
Terminal
Lug Wire
Size (AWG)
120/240 Vac
120/240 Vac
240 Vac
120/240 Vac
240 Vac
10K AIR
22K AIR
10 K AIR
22K AIR
10K AIR
10 A
15 A
15 A
20A
20 A
25 A
30 A
35 A
40 A
45 A
50 A
60 A
QOU110
QOU115*
QOU115HM*
QOU120*
QOU120HM*
QOU125*
QOU130*
QOU135*
QOU140*
QOU145*
QOU150*
QOU160*
QOU115VH
QOU120VH
QOU125VH
QOU130VH
QOU135VH
QOU140VH
QOU145VH
QOU150VH
QOU160VH
QOU210
QOU215*
QOU220*
QOU225*
QOU230*
QOU235*
QOU240*
QOU245*
QOU250*
QOU260*
QOU215H*
QOU220H*
QOU225H*
QOU230H*
QOU215VH
QOU220VH
QOU225VH
QOU230VH
QOU235VH
QOU240VH
QOU245VH
QOU250VH
QOU260VH
QOU310
QOU315*
QOU320*
QOU325*
QOU330*
QOU335*
QOU340*
QOU345*
QOU350*
QOU360*
1—#14–#2
Cu or Al
70 A
80 A
90 A
100 A
125 A
QOU170*
QOU180
QOU190
QOU1100
QOU270*
QOU280
QOU290
QOU2100
QOU2125
QOU370
QOU380
QOU390
QOU3100
1—#12–#2/0
Cu or Al
Switch—60 Amperes Max.—240 Vac
Switch—100 Amperes Max.—240 Vac
Switch—125 Amperes Max.—240 Vac
QOU200
QOU300
1—#14–#2
QOU2000
QOU20001
QOU3000
QOU30001
1—#12–#2/0
* UL Listed as HACR type for use with heating, air conditioning and refrigeration equipment containing motor-group combinations
and marked for use with HACR type circuit breakers.
High-magnetic trip circuit breakers. Recommended for applications where high initial inrush current can occur and for individual
dimmer applications.
Available as Series 1 with forward box lugs only. (No optional terminations)


Similar Part No. - QOU235VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU235 SCHNEIDER-QOU235 Datasheet
98Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
QOU2351021 SCHNEIDER-QOU2351021 Datasheet
131Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Shunt Trip
QOU2351200 SCHNEIDER-QOU2351200 Datasheet
99Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Aux Switch
QOU2352100 SCHNEIDER-QOU2352100 Datasheet
109Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Alarm Switch
QOU2353100 SCHNEIDER-QOU2353100 Datasheet
120Kb / 2P
   QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA, Mounting Foot
More results

Similar Description - QOU235VH

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
List of Unclassifed Man...
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com