Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

862-RF465.0M-G Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 862-RF465.0M-G
Description  CDMA 450 A-Band, RF/Rx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

862-RF465.0M-G Datasheet(HTML) 2 Page - Oscilent Corporation

  862-RF465.0M-G Datasheet HTML 1Page - Oscilent Corporation 862-RF465.0M-G Datasheet HTML 2Page - Oscilent Corporation 862-RF465.0M-G Datasheet HTML 3Page - Oscilent Corporation 862-RF465.0M-G Datasheet HTML 4Page - Oscilent Corporation 862-RF465.0M-G Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oscilent Part Number
862-RF465.0M-G
January 2010 Rev A
CDMA 450 A-Band, RF/Rx SAW Filter
Product Specification
P. 1
www.oscilent.com
Mechanical Dimensions (mm)
Test Circuit
Source Impedance : 50
Load Impedance : 100
Pin Description
A, C, D, F, H Ground
B In
E, G Out


Similar Part No. - 862-RF465.0M-G

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
862-RF465.0M-F OSCILENT-862-RF465.0M-F Datasheet
462Kb / 3P
   CDMA450, Balanced RF-Rx SAW Filter
862-RF465.0M-F OSCILENT-862-RF465.0M-F_14 Datasheet
128Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
More results

Similar Description - 862-RF465.0M-G

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA465CP TRANSKO-TA465CP Datasheet
306Kb / 4P
   CDMA 450 A-Band, RF-Rx SAW Filter
Revision 2:
logo
Oscilent Corporation
802-RF465.0M-D OSCILENT-802-RF465.0M-D_14 Datasheet
128Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
802-RF465.0M-H OSCILENT-802-RF465.0M-H Datasheet
140Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
862-RF465.0M-F OSCILENT-862-RF465.0M-F_14 Datasheet
128Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
872-RF465.0M-H OSCILENT-872-RF465.0M-H Datasheet
136Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
803-RF465.0M-D OSCILENT-803-RF465.0M-D Datasheet
127Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
803-RF465.0M-J OSCILENT-803-RF465.0M-J Datasheet
138Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
logo
Transko Electronics, In...
TA465DP TRANSKO-TA465DP Datasheet
292Kb / 4P
   CDMA 450 A-Band, RF-Rx SAW Filter
Revision 0: November 2003
logo
Oscilent Corporation
803-RF465.0M-C OSCILENT-803-RF465.0M-C_14 Datasheet
130Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
802-RF467.6M-A OSCILENT-802-RF467.6M-A_14 Datasheet
132Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com