Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFM900FXM12-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DFM900FXM12-A000
Description  Fast Recovery Diode Module Preliminary Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM900FXM12-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DFM900FXM12-A000 Datasheet HTML 1Page - Dynex Semiconductor DFM900FXM12-A000 Datasheet HTML 2Page - Dynex Semiconductor DFM900FXM12-A000 Datasheet HTML 3Page - Dynex Semiconductor DFM900FXM12-A000 Datasheet HTML 4Page - Dynex Semiconductor DFM900FXM12-A000 Datasheet HTML 5Page - Dynex Semiconductor DFM900FXM12-A000 Datasheet HTML 6Page - Dynex Semiconductor DFM900FXM12-A000 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
www.dynexsemi.com
DFM900FXM12-A000
FEATURES
s Low Reverse Recovery Charge
s High Switching Speed
s Low Forward Voltage Drop
s Isolated Base
s Dual Diodes Can Be Paralleled for 1800A Rating
s MMC Baseplate With AlN Substrates
APPLICATIONS
s Chopper Diodes
s Boost and Buck Converters
s Free-wheel Circuits
s Snubber Circuits
s Resonant Converters
s Induction Heating
s Multi-level Switch Inverters
The DFM900FXM12-A000 is a dual 1200 volt,
fast
recovery diode (FRD) module. Designed for low power
loss, the module is suitable for a variety of high voltage
applications in motor drives and power conversion.
Fast switching times and low reverse recovery losses
allow high frequency operation making the device suitable
for the latest drive designs employing pwm and high
frequency switching.
These modules incorporate electrically isolated base
plates and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise grounded
heat sinks for safety.
ORDERING INFORMATION
Order As:
DFM900FXM12-A000
Note: When ordering, please use the complete part number.
DFM900FXM12-A000
Fast Recovery Diode Module
Preliminary Information
DS5479-1.2 July 2001
KEY PARAMETERS
V
RRM
1200V
V
F
(typ)
1.9V
I
F
(max)
900A
I
FM
(max)
1800A
Fig. 1 Circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: F
(See package details for further information)
External connection for single 1800A diode application
1
3
2
4
2(C2)
1(C1)
3(A1)
4(A2)
External connection
External connection


Similar Part No. - DFM900FXM12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000 Datasheet
252Kb / 6P
   Fast Recovery Diode Module
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000_10 Datasheet
252Kb / 6P
   Fast Recovery Diode Module
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000_15 Datasheet
252Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM900FXM12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600FXM18-A000 DYNEX-DFM600FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM900FXM18-A000 DYNEX-DFM900FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600FXM12-A000 DYNEX-DFM600FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600LXS18-A000 DYNEX-DFM600LXS18-A000 Datasheet
93Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000 Datasheet
119Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200NXM33-A000 DYNEX-DFM1200NXM33-A000 Datasheet
120Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000 Datasheet
152Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM300LXS12-A000 DYNEX-DFM300LXS12-A000 Datasheet
92Kb / 7P
   Fast Recovery Diode Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com