Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMS4107NR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMS4107NR2G
Description  30 V, 18 A, Single N?묬hannel, SO??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS4107NR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NTMS4107NR2G Datasheet HTML 1Page - ON Semiconductor NTMS4107NR2G Datasheet HTML 2Page - ON Semiconductor NTMS4107NR2G Datasheet HTML 3Page - ON Semiconductor NTMS4107NR2G Datasheet HTML 4Page - ON Semiconductor NTMS4107NR2G Datasheet HTML 5Page - ON Semiconductor NTMS4107NR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMS4107N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
21
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = $20 V
$100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
7.4
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 14 A
4.7
5.5
m
W
VGS = 10 V, ID = 15 A
3.4
4.5
Forward Transconductance
gFS
VDS = 15 V, ID = 18 A
25
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz, VDS = 15 V
6000
pF
Output Capacitance
COSS
1030
Reverse Transfer Capacitance
CRSS
550
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V, ID = 18 A
45
nC
Threshold Gate Charge
QG(TH)
6.5
Gate−to−Source Charge
QGS
16.3
Gate−to−Drain Charge
QGD
19.3
Gate Resistance
RG
0.60
W
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 15 V,
ID = 1.0 A, RG = 6.0 W
9.0
ns
Rise Time
tr
10
Turn−Off Delay Time
td(OFF)
94
Fall Time
tf
38
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 3.0 A
TJ = 25°C
0.8
1.1
V
TJ = 125°C
0.6
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 3.0 A
41
ns
Charge Time
ta
20
Discharge Time
tb
21
Reverse Recovery Charge
QRR
48
nC
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMS4107NR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4107NR2 ONSEMI-NTMS4107NR2 Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
More results

Similar Description - NTMS4107NR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMS4704N ONSEMI-NTMS4704N Datasheet
177Kb / 5P
   Power MOSFET 30 V, 12.3 A, Single N?묬hannel, SO??
August, 2006 ??Rev. 2
NTMS4706N ONSEMI-NTMS4706N Datasheet
73Kb / 6P
   Power MOSFET 30 V, 10.3 A, Single N?묬hannel, SO??
November, 2005 ??Rev. 3
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com