Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4274ADT33RKG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV4274ADT33RKG
Description  400 mA 2% and 4%Voltage Regulator Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274ADT33RKG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV4274ADT33RKG Datasheet HTML 1Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 2Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 3Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 4Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 5Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 6Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 7Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 8Page - ON Semiconductor NCV4274ADT33RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 15
1
Publication Order Number:
NCV4274/D
NCV4274, NCV4274A
400 mA 2% and 4%Voltage
Regulator Family
Description
The NCV4274 and NCV4274A is a precision micro−power voltage
regulator with an output current capability of 400 mA available in the
DPAK, D2PAK and SOT−223 packages.
The output voltage is accurate within
±2.0% or ±4.0% depending on
the version with a maximum dropout voltage of 0.5 V with an input up
to 40 V. Low quiescent current is a feature drawing only 150
mA with a
1 mA load. This part is ideal for automotive and all battery operated
microprocessor equipment.
The regulator is protected against reverse battery, short circuit, and
thermal overload conditions. The device can withstand load dump
transients making it suitable for use in automotive environments.
Features
2.5, 3.3 V, 5.0 V, 8.5 V, ±2.0% Output Options
2.5, 3.3 V, 5.0 V, ±4.0% Output Options
Low 150 mA Quiescent Current at 1 mA load current
400 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage with Respect to GND
S −42 V Reverse Voltage
S Short Circuit
S Thermal Overload
Very Low Dropout Voltage
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
MARKING DIAGRAMS
DPAK
DT SUFFIX
CASE 369C
D2PAK
DS SUFFIX
CASE 418AF
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
74X−xxG
ALYWW
x
X
= A or blank
xx
= Voltage Ratings
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
WW, W = Work Week
G, G
= Pb−Free Package
4
1
2
3
4
123
1
Input
2, 4 Ground
3
Output
1
Input
2, 4 Ground
3
Output
SOT−223
ST SUFFIX
CASE 318E
1
AYW
74X−xxG
G
1
Input
2, 4 Ground
3
Output
23
4
NC
V4274X−xx
AWLYWWG
(*Note: Microdot may be in either location)


Similar Part No. - NCV4274ADT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274ADT33RKG ONSEMI-NCV4274ADT33RKG Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274ADT33RKG ONSEMI-NCV4274ADT33RKG Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
More results

Similar Description - NCV4274ADT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274 ONSEMI-NCV4274_07 Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com